Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HCS08 Fiches technique(PDF) 88 Page - Motorola, Inc

No de pièce HCS08
Description  Microcontrollers
PDF  290 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MOTOROLA [Motorola, Inc]
Site Internet  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

HCS08 Fiches technique(HTML) 88 Page - Motorola, Inc

Back Button HCS08 Datasheet HTML 84Page - Motorola, Inc HCS08 Datasheet HTML 85Page - Motorola, Inc HCS08 Datasheet HTML 86Page - Motorola, Inc HCS08 Datasheet HTML 87Page - Motorola, Inc HCS08 Datasheet HTML 88Page - Motorola, Inc HCS08 Datasheet HTML 89Page - Motorola, Inc HCS08 Datasheet HTML 90Page - Motorola, Inc HCS08 Datasheet HTML 91Page - Motorola, Inc HCS08 Datasheet HTML 92Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 290 page
background image
Internal Clock Generator (ICG) Module
MC9S08GB/GT
88
MOTOROLA
6.3.1.2 OSCSTEN Bit Set
When the oscillator is enabled in stop mode (OSCSTEN = 1), the individual clock generators are enabled
but the clock feed to the rest of the MCU is turned off. This option is provided to avoid long oscillator
startup times if necessary, or to run the RTI from the oscillator during stop3.
6.3.1.3 Stop/Off Mode Recovery
Upon the CPU exiting stop mode due to an interrupt, the previously set control bits are valid and the system
clock feed resumes. If FEE is selected, the ICG will source the internal reference until the external clock
is stable. If FBE is selected, the ICG will wait for the external clock to stabilize before enabling ICGOUT.
Upon the CPU exiting stop mode due to a reset, the previously set ICG control bits are ignored and the
default reset values applied. Therefore the ICG will exit stop in SCM mode configured for an
approximately 8 MHz DCO output (4 MHz bus clock) with trim value maintained. If using a crystal, 4096
clocks are detected prior to engaging ICGERCLK. This is incorporated in crystal start-up time.
6.3.2 Self-Clocked Mode (SCM)
Self-clocked mode (SCM) is the default mode of operation and is entered when any of the following
conditions occur:
•
After any reset.
•
Exiting from off mode when CLKS does not equal 10. If CLKS = X1, the ICG enters this state
temporarily until the DCO is stable (DCOS = 1).
•
CLKS bits are written from X1 to 00.
•
CLKS = 1X and ICGERCLK is not detected (both ERCS = 0 and LOCS = 1).
In this state, the FLL loop is open. The DCO is on, and the output clock signal ICGOUT frequency is given
by fICGDCLK / R. The ICGDCLK frequency can be varied from 8 MHz to 40 MHz by writing a new value
into the filter registers (ICGFLTH and ICGFLTL). This is the only mode in which the filter registers can
be written.
If this mode is entered due to a reset, fICGDCLK will default to fSelf_reset which is nominally 8 MHz. If this
mode is entered from FLL engaged internal, fICGDCLK will maintain the previous frequency.If this mode
is entered from FLL engaged external (either by programming CLKS or due to a loss of external reference
clock), fICGDCLK will maintain the previous frequency, but ICGOUT will double if the FLL was unlocked.
If this mode is entered from off mode, fICGDCLK will be equal to the frequency of ICGDCLK before
entering off mode. If CLKS bits are set to 01 or 11 coming out of the Off state, the ICG enters this mode
until ICGDCLK is stable as determined by the DCOS bit. Once ICGDCLK is considered stable, the ICG
automatically closes the loop by switching to FLL engaged (internal or external) as selected by the CLKS
bits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com