Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HCS08 Fiches technique(PDF) 60 Page - Motorola, Inc

No de pièce HCS08
Description  Microcontrollers
PDF  290 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MOTOROLA [Motorola, Inc]
Site Internet  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

HCS08 Fiches technique(HTML) 60 Page - Motorola, Inc

Back Button HCS08 Datasheet HTML 56Page - Motorola, Inc HCS08 Datasheet HTML 57Page - Motorola, Inc HCS08 Datasheet HTML 58Page - Motorola, Inc HCS08 Datasheet HTML 59Page - Motorola, Inc HCS08 Datasheet HTML 60Page - Motorola, Inc HCS08 Datasheet HTML 61Page - Motorola, Inc HCS08 Datasheet HTML 62Page - Motorola, Inc HCS08 Datasheet HTML 63Page - Motorola, Inc HCS08 Datasheet HTML 64Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 290 page
background image
Memory
MC9S08GB/GT
60
MOTOROLA
Figure 4-7 FLASH Protection Register (FPROT)
FPOPEN — Open Unprotected FLASH for Program/Erase
1 = Any FLASH location, not otherwise block protected or secured, may be erased or programmed.
0 = Entire FLASH memory is block protected (no program or erase allowed).
FPDIS — FLASH Protection Disable
1 = No FLASH block is protected.
0 = FLASH block specified by FPS2:FPS0 is block protected (program and erase not allowed).
FPS2:FPS1:FPS0 — FLASH Protect Size Selects
When FPDIS = 0, this 3-bit field determines the size of a protected block of FLASH locations at the
high address end of the FLASH (see Table 4-8). Protected FLASH locations cannot be erased or
programmed.
Bit 7
6
54321
Bit 0
Read: FPOPEN
FPDIS
FPS2
FPS1
FPS0
0
0
0
Write:
(1)
NOTES:
1. Background commands can be used to change the contents of these bits in FPROT.
(1)
(1)
(1)
(1)
Reset:
This register is loaded from nonvolatile location NVPROT during reset.
= Unimplemented or Reserved
Table 4-8 High Address Protected Block
FPS2:FPS1:FPS0
Protected Address Range
Protected Block Size
Redirected Vectors(1)
NOTES:
1. No redirection if FPOPEN = 0, or FNORED = 1.
0:0:0
$FE00–$FFFF
512 bytes
$FDC0–$FDFD(2)
2. Reset vector is not redirected.
0:0:1
$FC00–$FFFF
1 Kbytes
$FBC0–$FBFD
0:1:0
$F800–$FFFF
2 Kbytes
$F7C0–$F7FD
0:1:1
$F000–$FFFF
4 Kbytes
$EFC0–$EFFD
1:0:0
$E000 - $FFFF
8 Kbytes
$DFC0–$DFFD
1:0:1
$C000 - $FFFF
16 Kbytes
$BFC0–$BFFD
1:1:0
$8000 - $FFFF
32 Kbytes
$7FC0–$7FFD
1:1:1
$8000 - $FFFF
32 Kbytes
$7FC0–$7FFD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com