Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HCS08 Fiches technique(PDF) 95 Page - Motorola, Inc

No de pièce HCS08
Description  Microcontrollers
PDF  290 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MOTOROLA [Motorola, Inc]
Site Internet  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

HCS08 Fiches technique(HTML) 95 Page - Motorola, Inc

Back Button HCS08 Datasheet HTML 91Page - Motorola, Inc HCS08 Datasheet HTML 92Page - Motorola, Inc HCS08 Datasheet HTML 93Page - Motorola, Inc HCS08 Datasheet HTML 94Page - Motorola, Inc HCS08 Datasheet HTML 95Page - Motorola, Inc HCS08 Datasheet HTML 96Page - Motorola, Inc HCS08 Datasheet HTML 97Page - Motorola, Inc HCS08 Datasheet HTML 98Page - Motorola, Inc HCS08 Datasheet HTML 99Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 290 page
background image
Data Sheet — MC9S08GB60/D V1.5
MOTOROLA
95
MC9S08GB/GT
Figure 6-7 ICG Register Set
Table 6-5 ICGOUT Frequency Calculation Options
Clock Scheme
fICGOUT
P
Note
SCM — self-clocked mode (FLL bypassed
internal)
fICGDCLK / R
NA
Typical fICGOUT =
8 MHz out of reset
FBE — FLL bypassed external
fext / R
NA
FEI — FLL engaged internal
(fIRG / 7)* 64*N / R
64
Typical fIRG = 243 kHz
4
≤ N = 18
FEE — FLL engaged external
fext * P * N / R
Range = 0 ; P = 64
Range = 1; P = 1
4 <= N <= 18
1 <= R <= 128
Table 6-6 MFD and RFD Decode Table
MFD Value
Multiplication Factor (N)
RFD
Division Factor (R)
000
4
000
÷1
001
6
001
÷2
010
8
010
÷4
011
10
011
÷8
100
12
100
÷16
101
14
101
÷32
110
16
110
÷64
111
18
111
÷128
Register
Bit 7
654321
Bit 0
ICGC1
0
RANGE
REFS
CLKS
OSCSTEN
0(1)
NOTES:
1. This bit is reserved for Motorola internal use only. Any write operations to this register should write a 0 to
this bit.
0
ICGC2
LOLRE
MFD
LOCRE
RFD
ICGS1
CLKST
REFST
LOLS
LOCK
LOCS
ERCS
ICGIF
ICGS2
0
0
0
0
0
0
0
DCOS
ICGFLTU
0
0
0
0
FLT
ICGFLTL
FLT
ICGTRM
TRIM
= Unimplemented or Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com