Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HCS08 Fiches technique(PDF) 17 Page - Motorola, Inc

No de pièce HCS08
Description  Microcontrollers
PDF  290 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MOTOROLA [Motorola, Inc]
Site Internet  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

HCS08 Fiches technique(HTML) 17 Page - Motorola, Inc

Back Button HCS08 Datasheet HTML 13Page - Motorola, Inc HCS08 Datasheet HTML 14Page - Motorola, Inc HCS08 Datasheet HTML 15Page - Motorola, Inc HCS08 Datasheet HTML 16Page - Motorola, Inc HCS08 Datasheet HTML 17Page - Motorola, Inc HCS08 Datasheet HTML 18Page - Motorola, Inc HCS08 Datasheet HTML 19Page - Motorola, Inc HCS08 Datasheet HTML 20Page - Motorola, Inc HCS08 Datasheet HTML 21Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 290 page
background image
Data Sheet — MC9S08GB60/D V1.5
MOTOROLA
17
MC9S08GB/GT
Section 1 Introduction
1.1 Overview
The MC9S08GB/GT are members of the low-cost, high-performance HCS08 Family of 8-bit
microcontroller units (MCUs). All MCUs in the family use the enhanced HCS08 core and are available
with a variety of modules, memory sizes, memory types, and package types.
1.2 Features
Features have been organized to reflect:
•
Standard features of the HCS08 Family
•
Features of the MC9S08GB/GT MCU
1.2.1 Standard Features of the HCS08 Family
•
40-MHz HCS08 CPU (central processor unit)
•
HC08 instruction set with added BGND instruction
•
Background debugging system (see also the Development Support section)
•
Breakpoint capability to allow single breakpoint setting during
in-circuit debugging (plus two more breakpoints in on-chip debug module)
•
Debug module containing two comparators and nine trigger modes. Eight deep FIFO for storing
change-of-flow addresses and event-only data. Debug module supports both tag and force
breakpoints.
•
Support for up to 32 interrupt/reset sources
•
Power-saving modes: wait plus three stops
•
System protection features:
–
Optional computer operating properly (COP) reset
–
Low-voltage detection with reset or interrupt
–
Illegal opcode detection with reset
–
Illegal address detection with reset (some devices don’t have illegal addresses)
1.2.2 Features of MC9S08GB/GT Series of MCUs
•
On-chip in-circuit programmable FLASH memory with block protection and security options (see
Table 1-1 for device specific information)
•
On-chip random-access memory (RAM) (see Table 1-1 for device specific information)
•
8-channel, 10-bit analog-to-digital converter (ATD)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com