Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HCS08 Fiches technique(PDF) 71 Page - Motorola, Inc

No de pièce HCS08
Description  Microcontrollers
PDF  290 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MOTOROLA [Motorola, Inc]
Site Internet  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

HCS08 Fiches technique(HTML) 71 Page - Motorola, Inc

Back Button HCS08 Datasheet HTML 67Page - Motorola, Inc HCS08 Datasheet HTML 68Page - Motorola, Inc HCS08 Datasheet HTML 69Page - Motorola, Inc HCS08 Datasheet HTML 70Page - Motorola, Inc HCS08 Datasheet HTML 71Page - Motorola, Inc HCS08 Datasheet HTML 72Page - Motorola, Inc HCS08 Datasheet HTML 73Page - Motorola, Inc HCS08 Datasheet HTML 74Page - Motorola, Inc HCS08 Datasheet HTML 75Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 290 page
background image
Data Sheet — MC9S08GB60/D V1.5
MOTOROLA
71
MC9S08GB/GT
IRQPE — IRQ Pin Enable
This read/write control bit enables the IRQ pin function. When this bit is set the IRQ pin can be used
as an interrupt request. Also, when this bit is set, either an internal pull-up or an internal pull-down
resistor is enabled depending on the state of the IRQMOD bit.
1 = IRQ pin function is enabled.
0 = IRQ pin function is disabled.
IRQF — IRQ Flag
This read-only status bit indicates when an interrupt request event has occurred.
1 = IRQ event detected.
0 = No IRQ request.
IRQACK — IRQ Acknowledge
This write-only bit is used to acknowledge interrupt request events (write 1 to clear IRQF). Writing 0
has no meaning or effect. Reads always return logic 0. If edge-and-level detection is selected
(IRQMOD = 1), IRQF cannot be cleared while the IRQ pin remains at its asserted level.
IRQIE — IRQ Interrupt Enable
This read/write control bit determines whether IRQ events generate a hardware interrupt request.
1 = Hardware interrupt requested whenever IRQF = 1.
0 = Hardware interrupt requests from IRQF disabled (use polling).
IRQMOD — IRQ Detection Mode
This read/write control bit selects either edge-only detection or edge-and-level detection. The
IRQEDG control bit determines the polarity of edges and levels that are detected as interrupt request
events. See 5.5.2.2 Edge and Level Sensitivity for more details.
1 = IRQ event on falling edges and low levels or on rising edges and high levels.
0 = IRQ event on falling edges or rising edges only.
5.8.2 System Reset Status Register (SRS)
This register includes seven read-only status flags to indicate the source of the most recent reset. When a
debug host forces reset by writing 1 to BDFR in the SBDFR register, none of the status bits in SRS will
be set. Writing any value to this register address clears the COP watchdog timer without affecting the
contents of this register. The reset state of these bits depends on what caused the MCU to reset.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com