Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HCS08 Fiches technique(PDF) 74 Page - Motorola, Inc

No de pièce HCS08
Description  Microcontrollers
PDF  290 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MOTOROLA [Motorola, Inc]
Site Internet  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

HCS08 Fiches technique(HTML) 74 Page - Motorola, Inc

Back Button HCS08 Datasheet HTML 70Page - Motorola, Inc HCS08 Datasheet HTML 71Page - Motorola, Inc HCS08 Datasheet HTML 72Page - Motorola, Inc HCS08 Datasheet HTML 73Page - Motorola, Inc HCS08 Datasheet HTML 74Page - Motorola, Inc HCS08 Datasheet HTML 75Page - Motorola, Inc HCS08 Datasheet HTML 76Page - Motorola, Inc HCS08 Datasheet HTML 77Page - Motorola, Inc HCS08 Datasheet HTML 78Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 290 page
background image
Resets, Interrupts, and System Configuration
MC9S08GB/GT
74
MOTOROLA
COPE — COP Watchdog Enable
This write-once bit defaults to 1 after reset.
1 = COP watchdog timer enabled (force reset on timeout).
0 = COP watchdog timer disabled.
COPT — COP Watchdog Timeout
This write-once bit defaults to 1 after reset.
1 = Long timeout period selected (218 cycles of BUSCLK).
0 = Short timeout period selected (213 cycles of BUSCLK).
STOPE — Stop Mode Enable
This write-once bit defaults to 0 after reset, which disables stop mode. If stop mode is disabled and a
user program attempts to execute a STOP instruction, an illegal opcode reset is forced.
1 = Stop mode enabled.
0 = Stop mode disabled.
BKGDPE — Background Debug Mode Pin Enable
The BKGDPE bit enables the PTD0/BKGD/MS pin to function as BKGD/MS. When the bit is clear,
the pin will function as PTD0, which is an output only general purpose I/O. This pin always defaults
to BKGD/MS function after any reset.
1 = BKGD pin enabled.
0 = BKGD pin disabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com