Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HCS08 Fiches technique(PDF) 137 Page - Motorola, Inc

No de pièce HCS08
Description  Microcontrollers
PDF  290 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MOTOROLA [Motorola, Inc]
Site Internet  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

HCS08 Fiches technique(HTML) 137 Page - Motorola, Inc

Back Button HCS08 Datasheet HTML 133Page - Motorola, Inc HCS08 Datasheet HTML 134Page - Motorola, Inc HCS08 Datasheet HTML 135Page - Motorola, Inc HCS08 Datasheet HTML 136Page - Motorola, Inc HCS08 Datasheet HTML 137Page - Motorola, Inc HCS08 Datasheet HTML 138Page - Motorola, Inc HCS08 Datasheet HTML 139Page - Motorola, Inc HCS08 Datasheet HTML 140Page - Motorola, Inc HCS08 Datasheet HTML 141Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 137 / 290 page
background image
Data Sheet — MC9S08GB60/D V1.5
MOTOROLA
137
MC9S08GB/GT
Figure 8-9 Port A Registers
PTADn — Port A Data Register Bit n (n = 0–7)
For port A pins that are inputs, reads return the logic level on the pin. For port A pins that are
configured as outputs, reads return the last value written to this register.
Writes are latched into all bits of this register. For port A pins that are configured as outputs, the logic
level is driven out the corresponding MCU pin.
Reset forces PTAD to all 0s, but these 0s are not driven out the corresponding pins because reset also
configures all port pins as high-impedance inputs with pullups disabled.
PTAPEn — Pullup Enable for Port A Bit n (n = 0–7)
For port A pins that are inputs, these read/write control bits determine whether internal pullup devices
are enabled provided the corresponding PTADDn is a logic 0. For port A pins that are configured as
outputs, these bits are ignored and the internal pullup devices are disabled. When any of bits 7 through
4 of port A are enabled as KBI inputs and are configured to detect rising edges/high levels, the pullup
enable bits enable pulldown rather than pullup devices.
1 = Internal pullup device enabled.
0 = Internal pullup device disabled.
PTAD
Bit 7
654321
Bit 0
Read:
PTAD7
PTAD6
PTAD5
PTAD4
PTAD3
PTAD2
PTAD1
PTAD0
Write:
Reset:
00000000
PTAPE
Read:
PTAPE7
PTAPE6
PTAPE5
PTAPE4
PTAPE3
PTAPE2
PTAPE1
PTAPE0
Write:
Reset:
00000000
PTASE
Read:
PTASE7
PTASE6
PTASE5
PTASE4
PTASE3
PTASE2
PTASE1
PTASE0
Write:
Reset:
00000000
PTADD
Read:
PTADD7
PTADD6
PTADD5
PTADD4
PTADD3
PTADD2
PTADD1
PTADD0
Write:
Reset:
00000000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com