Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HCS08 Fiches technique(PDF) 133 Page - Motorola, Inc

No de pièce HCS08
Description  Microcontrollers
PDF  290 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MOTOROLA [Motorola, Inc]
Site Internet  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

HCS08 Fiches technique(HTML) 133 Page - Motorola, Inc

Back Button HCS08 Datasheet HTML 129Page - Motorola, Inc HCS08 Datasheet HTML 130Page - Motorola, Inc HCS08 Datasheet HTML 131Page - Motorola, Inc HCS08 Datasheet HTML 132Page - Motorola, Inc HCS08 Datasheet HTML 133Page - Motorola, Inc HCS08 Datasheet HTML 134Page - Motorola, Inc HCS08 Datasheet HTML 135Page - Motorola, Inc HCS08 Datasheet HTML 136Page - Motorola, Inc HCS08 Datasheet HTML 137Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 133 / 290 page
background image
Data Sheet — MC9S08GB60/D V1.5
MOTOROLA
133
MC9S08GB/GT
When the IIC module is enabled, PTC2 serves as the IIC modules’s serial data input/output pin (SDA) and
PTC3 serves as the clock pin (SCL). Refer to the Inter-Integrated Circuit (IIC) Module section for more
information about using PTC2 and PTC3 as IIC pins.
8.3.4 Port D, TPM1 and TPM2
Figure 8-5 Port D Pin Names
Port D is an 8-bit port shared with the two TPM modules, TPM1 and TPM2 and general-purpose I/O.
When the TPM1 or TPM2 modules are enabled in output compare or input captures modes of operation,
the pin direction will be controlled by the module function.
Port D pins are available as general-purpose I/O pins controlled by the port D data (PTDD), data direction
(PTDDD), pullup enable (PTDPE), and slew rate control (PTDSE) registers. Refer to 8.4 Parallel I/O
Controls for more information about general-pupose I/O control.
The TPM2 module can be configured to use PTD7–PTD3 as either input capture, output compare, PWM,
or external clock input pins (PTD3 only). Refer to the Timer/PWM (TPM) Module section for more
information about using PTD7–PTD3 as timer pins.
The TPM1 module can be configured to use PTD2–PTD0 as either input capture, output compare, PWM,
or external clock input pins (PTD0 only). Refer to the Timer/PWM (TPM) Module section for more
information about using PTD2–PTD0 as timer pins.
8.3.5 Port E, SCI1, and SPI
Figure 8-6 Port E Pin Names
Port E is an 8-bit port shared with the SCI1 module, SPI module, and general-purpose I/O. When the SCI
or SPI modules are enabled, the pin direction will be controlled by the module function.
Port E pins are available as general-purpose I/O pins controlled by the port E data (PTED), data direction
(PTEDD), pullup enable (PTEPE) and slew rate control (PTESE) registers. Refer to 8.4 Parallel I/O
Controls for more information about general-pupose I/O control.
When the SCI1 module is enabled, PTE0 serves as the SCI1 module’s transmit pin (TxD1) and PTE1
serves as the receive pin (RxD1). Refer to the Serial Communications Interface (SCI) Module section
for more information about using PTE0 and PTE1 as SCI pins.
Port D
Bit 7
654321
Bit 0
MCU Pin:
PTD7/
TPM2CH4
PTD6/
TPM2CH3
PTD5/
TPM2CH2
PTD4/
TPM2CH1
PTD3/
TPM2CH0
PTD2/
TPM1CH2
PTD1/
TPM1CH1
PTD0/
TPM1CH0
Port E
Bit 7
654321
Bit 0
MCU Pin:
PTE7
PTE6
PTE5/
SPSCK
PTE4/
MOSI
PTE3/
MISO
PTE2/
SS
PTE1/
RxD1
PTE0/
TxD1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com