Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HCS08 Fiches technique(PDF) 129 Page - Motorola, Inc

No de pièce HCS08
Description  Microcontrollers
PDF  290 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MOTOROLA [Motorola, Inc]
Site Internet  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

HCS08 Fiches technique(HTML) 129 Page - Motorola, Inc

Back Button HCS08 Datasheet HTML 125Page - Motorola, Inc HCS08 Datasheet HTML 126Page - Motorola, Inc HCS08 Datasheet HTML 127Page - Motorola, Inc HCS08 Datasheet HTML 128Page - Motorola, Inc HCS08 Datasheet HTML 129Page - Motorola, Inc HCS08 Datasheet HTML 130Page - Motorola, Inc HCS08 Datasheet HTML 131Page - Motorola, Inc HCS08 Datasheet HTML 132Page - Motorola, Inc HCS08 Datasheet HTML 133Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 129 / 290 page
background image
Data Sheet — MC9S08GB60/D V1.5
MOTOROLA
129
MC9S08GB/GT
Section 8 Parallel Input/Output
8.1 Introduction
This section explains software controls related to parallel input/output (I/O). The MC9S08GBxx has seven
I/O ports which include a total of 56 general-purpose I/O pins (one of these pins is output only). The
MC9S08GTxx has six I/O ports which include a total of up to 36 general-purpose I/O pins (one pin, PTG0,
is output only). See the Pins and Connections section for more information about the logic and hardware
aspects of these pins.
Many of these pins are shared with on-chip peripherals such as timer systems, external interrupts, or
keyboard interrupts. When these other modules are not controlling the port pins, they revert to
general-purpose I/O control. For each I/O pin, a port data bit provides access to input (read) and output
(write) data, a data direction bit controls the direction of the pin, and a pullup enable bit enables an internal
pullup device (provided the pin is configured as an input), and a slew rate control bit controls the rise and
fall times of the pins.
NOTE:
Not all general-purpose I/O pins are available on all packages. To avoid extra
current drain from floating input pins, the user’s reset initialization routine in the
application program should either enable on-chip pullup devices or change the
direction of unconnected pins to outputs so the pins do not float.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com