Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HCS08 Fiches technique(PDF) 131 Page - Motorola, Inc

No de pièce HCS08
Description  Microcontrollers
PDF  290 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MOTOROLA [Motorola, Inc]
Site Internet  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

HCS08 Fiches technique(HTML) 131 Page - Motorola, Inc

Back Button HCS08 Datasheet HTML 127Page - Motorola, Inc HCS08 Datasheet HTML 128Page - Motorola, Inc HCS08 Datasheet HTML 129Page - Motorola, Inc HCS08 Datasheet HTML 130Page - Motorola, Inc HCS08 Datasheet HTML 131Page - Motorola, Inc HCS08 Datasheet HTML 132Page - Motorola, Inc HCS08 Datasheet HTML 133Page - Motorola, Inc HCS08 Datasheet HTML 134Page - Motorola, Inc HCS08 Datasheet HTML 135Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 131 / 290 page
background image
Data Sheet — MC9S08GB60/D V1.5
MOTOROLA
131
MC9S08GB/GT
8.2 Features
Parallel I/O features, depending on package choice, include:
•
A total of 56 general-purpose I/O pins in seven ports (one is output only)
•
High-current drivers on port C and port F pins
•
Hysteresis input buffers
•
Software-controlled pullups on each input pin
•
Software-controlled slew rate output buffers
•
Eight port A pins shared with KBI
•
Eight port B pins shared with ATD
•
Eight high-current port C pins shared with SCI2 and IIC
•
Eight port D pins shared with TPM1 and TPM2
•
Eight port E pins shared with SCI1 and SPI
•
Eight high-current port F pins
•
Eight port G pins shared with EXTAL, XTAL, and BKGD/MS
8.3 Pin Descriptions
The MC9S08GB/GT has a total of 56 parallel I/O pins (one is output only) in seven 8-bit ports
(PTA–PTG). Not all pins are bonded out in all packages. Consult the pin assignment in the Pins and
Connections section for available parallel I/O pins. All of these pins are available for general-purpose I/O
when they are not used by other on-chip peripheral systems.
After reset, BKGD/MS is enabled and therefore is not usable as an output pin until BKGDPE in SOPT is
cleared. The rest of the peripheral functions are disabled. After reset, all data direction and pullup enable
controls are set to 0s. These pins default to being high-impedance inputs with on-chip pullup devices
disabled.
The following paragraphs discuss each port and the software controls that determine each pin’s use.
8.3.1 Port A and Keyboard Interrupts
Figure 8-2 Port A Pin Names
Port A is an 8-bit port shared among the KBI keyboard interrupt inputs and general-purpose I/O. Any pins
enabled as KBI inputs will be forced to act as inputs.
Port A
Bit 7
654321
Bit 0
MCU Pin:
PTA7/
KBIP7
PTA6/
KBIP6
PTA5/
KBIP5
PTA4/
KBIP4
PTA3/
KBIP3
PTA2/
KBIP2
PTA1/
KBIP1
PTA0/
KBIP0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com