Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HCS08 Fiches technique(PDF) 134 Page - Motorola, Inc

No de pièce HCS08
Description  Microcontrollers
PDF  290 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MOTOROLA [Motorola, Inc]
Site Internet  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

HCS08 Fiches technique(HTML) 134 Page - Motorola, Inc

Back Button HCS08 Datasheet HTML 130Page - Motorola, Inc HCS08 Datasheet HTML 131Page - Motorola, Inc HCS08 Datasheet HTML 132Page - Motorola, Inc HCS08 Datasheet HTML 133Page - Motorola, Inc HCS08 Datasheet HTML 134Page - Motorola, Inc HCS08 Datasheet HTML 135Page - Motorola, Inc HCS08 Datasheet HTML 136Page - Motorola, Inc HCS08 Datasheet HTML 137Page - Motorola, Inc HCS08 Datasheet HTML 138Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 134 / 290 page
background image
Parallel Input/Output
MC9S08GB/GT
134
MOTOROLA
When the SPI module is enabled, PTE2 serves as the SPI module’s slave select pin (SS), PTE3 serves as
the master-in slave-out pin (MISO), PTE4 serves as the master-out slave-in pin (MOSI), and PTE5 serves
as the SPI clock pin (SPSCK). Refer to the Serial Peripheral Interface (SPI) Module section for more
information about using PTE5–PTE2 as SPI pins.
8.3.6 Port F and High-Current Drivers
Figure 8-7 Port F Pin Names
Port F is an 8-bit port general-purpose I/O that is not shared with any peripheral module. Port F has high
current output drivers.
Port F pins are available as general-purpose I/O pins controlled by the port F data (PTFD), data direction
(PTFDD), pullup enable (PTFPE), and slew rate control (PTFSE) registers. Refer to 8.4 Parallel I/O
Controls for more information about general-pupose I/O control.
8.3.7 Port G, BKGD/MS, and Oscillator
Figure 8-8 Port G Pin Names
Port G is an 8-bit port which is shared among the background/mode select function, oscillator, and
general-purpose I/O. When the background/mode select function or oscillator is enabled, the pin direction
will be controlled by the module function.
Port G pins are available as general-purpose I/O pins controlled by the port G data (PTGD), data direction
(PTGDD), pullup enable (PTGPE), and slew rate control (PTGSE) registers. Refer to 8.4 Parallel I/O
Controls for more information about general-pupose I/O control.
The internal pullup for PTG0 is enabled when the background/mode select function is enabled, regardless
of the state of PTGPE0. During reset, the BKGD/MS pin functions as a mode select pin. Once the MCU
is out of reset, the BKGD/MS pin becomes the background communications input/output pin. The PTG0
can be configured to be a general-purpose output pin. Refer to the Modes of Operation section, the
Resets, Interrupts, and System Configuration section, and the Development Support section for more
information about using this pin.
The ICG module can be configured to use PTG2–PTG1 ports as crystal oscillator or external clock pins.
Refer to the Internal Clock Generator (ICG) Module section for more information about using these
pins as oscillator pins.
Port F
Bit 7
654321
Bit 0
MCU Pin:
PTF7
PTF6
PTF5
PTF4
PTF3
PTF2
PTF1
PTF0
Port G
Bit 7
654321
Bit 0
MCU Pin:
PTG7
PTG6
PTG5
PTG4
PTG3
PTG2/
EXTAL
PTG1/
XTAL
PTG0/
BKGD/MS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com