Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HCS08 Fiches technique(PDF) 162 Page - Motorola, Inc

No de pièce HCS08
Description  Microcontrollers
PDF  290 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MOTOROLA [Motorola, Inc]
Site Internet  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

HCS08 Fiches technique(HTML) 162 Page - Motorola, Inc

Back Button HCS08 Datasheet HTML 158Page - Motorola, Inc HCS08 Datasheet HTML 159Page - Motorola, Inc HCS08 Datasheet HTML 160Page - Motorola, Inc HCS08 Datasheet HTML 161Page - Motorola, Inc HCS08 Datasheet HTML 162Page - Motorola, Inc HCS08 Datasheet HTML 163Page - Motorola, Inc HCS08 Datasheet HTML 164Page - Motorola, Inc HCS08 Datasheet HTML 165Page - Motorola, Inc HCS08 Datasheet HTML 166Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 162 / 290 page
background image
Timer/PWM (TPM) Module
MC9S08GB/GT
162
MOTOROLA
Equation 1
pulse width = 2 x (TPMxCnVH:TPMxCnVL)
Equation 2
period = 2 x (TPMxMODH:TPMxMODL);
for TPMxMODH:TPMxMODL = $0001–$7FFF
If the channel value register TPMxCnVH:TPMxCnVL is zero or negative (bit 15 set), the duty cycle will
be 0 percent. If TPMxCnVH:TPMxCnVL is a positive value (bit 15 clear) and is greater than the
(non-zero) modulus setting, the duty cycle will be 100 percent because the duty cycle compare will never
occur. This implies the usable range of periods set by the modulus register is $0001 through $7FFE ($7FFF
if generation of 100 percent duty cycle is not necessary). This is not a significant limitation because the
resulting period is much longer than required for normal applications.
TPMxMODH:TPMxMODL = $0000 is a special case that should not be used with center-aligned PWM
mode. When CPWMS = 0, this case corresponds to the counter running free from $0000 through $FFFF,
but when CPWMS = 1 the counter needs a valid match to the modulus register somewhere other than at
$0000 in order to change directions from up-counting to down-counting.
Figure 10-4 shows the output compare value in the TPM channel registers (multiplied by 2) determines
the pulse width (duty cycle) of the CPWM signal. If ELSnA = 0, the compare match while counting up
forces the CPWM output signal low and a compare match while counting down forces the output high.
The counter counts up until it reaches the modulo setting in TPMxMODH:TPMxMODL, then counts
down until it reaches zero. This sets the period equal to two times TPMxMODH:TPMxMODL.
Figure 10-4 CPWM Period and Pulse Width (ELSnA = 0)
Center-aligned PWM outputs typically produce less noise than edge-aligned PWMs because fewer I/O pin
transitions are lined up at the same system clock edge. This type of PWM is also required for some types
of motor drives.
Because the HCS08 is a family of 8-bit MCUs, the settings in the timer channel registers are buffered to
ensure coherent 16-bit updates and to avoid unexpected PWM pulse widths. Writes to any of the registers,
TPMxMODH, TPMxMODL, TPMxCnVH, and TPMxCnVL, actually write to buffer registers. Values are
transferred to the corresponding timer channel registers only after both 8-bit bytes of a 16-bit register have
been written and the timer counter overflows (reverses direction from up-counting to down-counting at the
end of the terminal count in the modulus register). This TPMxCNT overflow requirement only applies to
PWM channels, not output compares.
PERIOD
PULSE WIDTH
COUNT =
COUNT = 0
OUTPUT
COMPARE
(COUNT UP)
OUTPUT
COMPARE
(COUNT DOWN)
COUNT =
TPMxMODH:TPMxMODL
TPMxCHn
TPMxMODH:TPMxMODL
2 x TPMxCnVH:TPMxCnVL
2 x TPMxMODH:TPMxMODL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com