Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HCS08 Fiches technique(PDF) 166 Page - Motorola, Inc

No de pièce HCS08
Description  Microcontrollers
PDF  290 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MOTOROLA [Motorola, Inc]
Site Internet  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

HCS08 Fiches technique(HTML) 166 Page - Motorola, Inc

Back Button HCS08 Datasheet HTML 162Page - Motorola, Inc HCS08 Datasheet HTML 163Page - Motorola, Inc HCS08 Datasheet HTML 164Page - Motorola, Inc HCS08 Datasheet HTML 165Page - Motorola, Inc HCS08 Datasheet HTML 166Page - Motorola, Inc HCS08 Datasheet HTML 167Page - Motorola, Inc HCS08 Datasheet HTML 168Page - Motorola, Inc HCS08 Datasheet HTML 169Page - Motorola, Inc HCS08 Datasheet HTML 170Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 166 / 290 page
background image
Timer/PWM (TPM) Module
MC9S08GB/GT
166
MOTOROLA
CLKSB:CLKSA — Clock Source Select
As shown in Table 10-1, this 2-bit field is used to disable the TPM system or select one of three clock
sources to drive the counter prescaler. The external source and the crystal source are synchronized to
the bus clock by an on-chip synchronization circuit.
PS2:PS1:PS0 — Prescale Divisor Select
This 3-bit field selects one of eight divisors for the TPM clock input as shown in Table 10-2. This
prescaler is located after any clock source synchronization or clock source selection, so it affects
whatever clock source is selected to drive the TPM system.
10.7.2 Timer x Counter Registers (TPMxCNTH:TPMxCNTL)
The two read-only TPM counter registers contain the high and low bytes of the value in the TPM counter.
Reading either byte (TPMxCNTH or TPMxCNTL) latches the contents of both bytes into a buffer where
they remain latched until the other byte is read. This allows coherent 16-bit reads in either order. The
Table 10-1 TPM Clock Source Selection
CLKSB:CLKSA
TPM Clock Source to Prescaler Input
0:0
No clock selected (TPM disabled)
0:1
Bus rate clock (BUSCLK)
1:0
Fixed system clock (XCLK)
1:1
External source (TPMx Ext Clk)(1)(2)
NOTES:
1. The maximum frequency that is allowed as an external clock is one-fourth of the bus
frequency.
2. When the TPMxCH0 pin is selected as the TPM clock source, the corresponding
ELS0B:ELS0A control bits should be set to 0:0 so channel 0 does not try to use the same
pin for a conflicting function.
Table 10-2 Prescale Divisor Selection
PS2:PS1:PS0
TPM Clock Source Divided-By
0:0:0
1
0:0:1
2
0:1:0
4
0:1:1
8
1:0:0
16
1:0:1
32
1:1:0
64
1:1:1
128



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com