Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HCS08 Fiches technique(PDF) 159 Page - Motorola, Inc

No de pièce HCS08
Description  Microcontrollers
PDF  290 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MOTOROLA [Motorola, Inc]
Site Internet  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

HCS08 Fiches technique(HTML) 159 Page - Motorola, Inc

Back Button HCS08 Datasheet HTML 155Page - Motorola, Inc HCS08 Datasheet HTML 156Page - Motorola, Inc HCS08 Datasheet HTML 157Page - Motorola, Inc HCS08 Datasheet HTML 158Page - Motorola, Inc HCS08 Datasheet HTML 159Page - Motorola, Inc HCS08 Datasheet HTML 160Page - Motorola, Inc HCS08 Datasheet HTML 161Page - Motorola, Inc HCS08 Datasheet HTML 162Page - Motorola, Inc HCS08 Datasheet HTML 163Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 159 / 290 page
background image
Data Sheet — MC9S08GB60/D V1.5
MOTOROLA
159
MC9S08GB/GT
10.5 Functional Description
All TPM functions are associated with a main 16-bit counter which allows flexible selection of the clock
source and prescale divisor. A 16-bit modulo register also is associated with the main 16-bit counter in the
TPM. Each TPM channel is optionally associated with an MCU pin and a maskable interrupt function.
The TPM has center-aligned PWM capabilities controlled by the CPWMS control bit in TPMxSC. When
CPWMS is set to 1, timer counter TPMxCNT changes to an up/down counter and all channels in the
associated TPM act as center-aligned PWM channels. When CPWMS = 0, each channel can
independently be configured to operate in input capture, output compare, or buffered edge-aligned PWM
mode.
The following sections describe the main 16-bit counter and each of the timer operating modes (input
capture, output compare, edge-aligned PWM, and center-aligned PWM). Because details of pin operation
and interrupt activity depend on the operating mode, these topics are covered in the associated mode
sections.
10.5.1 Counter
All timer functions are based on the main 16-bit counter (TPMxCNTH:TPMxCNTL). This section
discusses selection of the clock source, up-counting vs. up/down-counting, end-of-count overflow, and
manual counter reset.
After any MCU reset, CLKSB:CLKSA = 0:0 so no clock source is selected and the TPM is inactive.
Normally, CLKSB:CLKSA would be set to 0:1 so the bus clock drives the timer counter. The clock source
for each of the TPM can be independently selected to be off, the bus clock (BUSCLK), the fixed system
clock (XCLK), or an external input through the TPMxCH0 pin. The maximum frequency allowed for the
external clock option is one-fourth the bus rate. Refer to 10.7.1 Timer x Status and Control Register
(TPMxSC) and Table 10-1 for more information about clock source selection.
When the microcontroller is in active background mode, the TPM temporarily suspends all counting until
the microcontroller returns to normal user operating mode. During stop mode, all TPM clocks are stopped;
therefore, the TPM is effectively disabled until clocks resume. During wait mode, the TPM continues to
operate normally.
The main 16-bit counter has two counting modes. When center-aligned PWM is selected (CPWMS = 1),
the counter operates in up/down-counting mode. Otherwise, the counter operates as a simple up counter.
As an up counter, the main 16-bit counter counts from $0000 through its terminal count and then continues
with $0000. The terminal count is $FFFF or a modulus value in TPMxMODH:TPMxMODL.
When center-aligned PWM operation is specified, the counter counts upward from $0000 through its
terminal count and then counts downward to $0000 where it returns to up-counting. Both $0000 and the
terminal count value (value in TPMxMODH:TPMxMODL) are normal length counts (one timer clock
period long).
An interrupt flag and enable are associated with the main 16-bit counter. The timer overflow flag (TOF)
is a software-accessible indication that the timer counter has overflowed. The enable signal selects
between software polling (TOIE = 0) where no hardware interrupt is generated, or interrupt-driven



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com