Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HCS08 Fiches technique(PDF) 165 Page - Motorola, Inc

No de pièce HCS08
Description  Microcontrollers
PDF  290 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MOTOROLA [Motorola, Inc]
Site Internet  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

HCS08 Fiches technique(HTML) 165 Page - Motorola, Inc

Back Button HCS08 Datasheet HTML 161Page - Motorola, Inc HCS08 Datasheet HTML 162Page - Motorola, Inc HCS08 Datasheet HTML 163Page - Motorola, Inc HCS08 Datasheet HTML 164Page - Motorola, Inc HCS08 Datasheet HTML 165Page - Motorola, Inc HCS08 Datasheet HTML 166Page - Motorola, Inc HCS08 Datasheet HTML 167Page - Motorola, Inc HCS08 Datasheet HTML 168Page - Motorola, Inc HCS08 Datasheet HTML 169Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 165 / 290 page
background image
Data Sheet — MC9S08GB60/D V1.5
MOTOROLA
165
MC9S08GB/GT
10.7.1 Timer x Status and Control Register (TPMxSC)
TPMxSC contains the overflow status flag and control bits which are used to configure the interrupt
enable, TPM configuration, clock source, and prescale divisor. These controls relate to all channels within
this timer module.
Figure 10-5 Timer x Status and Control Register (TPMxSC)
TOF — Timer Overflow Flag
This flag is set when the TPM counter changes to $0000 after reaching the modulo value programmed
in the TPM counter modulo registers. When the TPM is configured for CPWM, TOF is set after the
counter has reached the value in the modulo register, at the transition to the next lower count value.
Clear TOF by reading the TPM status and control register when TOF is set and then writing a logic 0
to TOF. If another TPM overflow occurs before the clearing sequence is complete, the sequence is
reset so TOF would remain set after the clear sequence was completed for the earlier TOF. Reset clears
the TOF bit. Writing a logic 1 to TOF has no effect.
1 = TPM counter has overflowed.
0 = TPM counter has not reached modulo value or overflow.
TOIE — Timer Overflow Interrupt Enable
This read/write bit enables TPM overflow interrupts. If TOIE is set, an interrupt is generated when
TOF equals 1. Reset clears TOIE.
1 = TOF interrupts enabled.
0 = TOF interrupts inhibited (use software polling).
CPWMS — Center-Aligned PWM Select
This read/write bit selects CPWM operating mode. Reset clears this bit so the TPM operates in
up-counting mode for input capture, output compare, and edge-aligned PWM functions. Setting
CPWMS reconfigures the TPM to operate in up/down-counting mode for CPWM functions. Reset
clears the CPWMS bit.
1 = All TPMx channels operate in center-aligned PWM mode.
0 = All TPMx channels operate as input capture, output compare, or edge-aligned PWM mode as
selected by the MSnB:MSnA control bits in each channel’s status and control register.
Bit 7
654321
Bit 0
Read:
TOF
TOIE
CPWMS
CLKSB
CLKSA
PS2
PS1
PS0
Write:
Reset:
00000000
= Unimplemented or Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com