Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SIM800 Fiches technique(PDF) 315 Page - SIMCom

No de pièce SIM800
Description  SIM800 Series AT Command Manual
PDF  380 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SIMCOM [SIMCom]
Site Internet  https://www.simcom.com
Logo SIMCOM - SIMCom

SIM800 Fiches technique(HTML) 315 Page - SIMCom

Back Button SIM800 Datasheet HTML 311Page - SIMCom SIM800 Datasheet HTML 312Page - SIMCom SIM800 Datasheet HTML 313Page - SIMCom SIM800 Datasheet HTML 314Page - SIMCom SIM800 Datasheet HTML 315Page - SIMCom SIM800 Datasheet HTML 316Page - SIMCom SIM800 Datasheet HTML 317Page - SIMCom SIM800 Datasheet HTML 318Page - SIMCom SIM800 Datasheet HTML 319Page - SIMCom Next Button
Zoom Inzoom in Zoom Outzoom out
 315 / 380 page
background image
Smart Machine Smart Decision
SIM800 Series_AT Command Manual_V1.09
315
2015-08-03
6 Not set (default)
<pri>
Priority
0 lowest
1 normal
2 highest
3 Not Set (default)
<sendrep> Whether it need deliver report
0 No (default)
1 Yes
<readrep> Whether it need receive report
0 No
(default)
1 Yes
<visible> Whether it need show the sender address
0
hide the sender address
1
show the sender address even if it is a secret address
2
Not set (default)
<class> The class of the MMS
0
Personal
1
Advertisement
2
Informational
3
Auto
4
Not set (default)
<subctrl>
Subject control
1
For Chinese character code
2
For English character code
<notifrspcheck> Whether it need to check the HTTP response of MMS
notifyrsp ind then to proceed the next step.
0
Waiting for HTTP response
1
Skip waiting for HTTP response
Parameter
Saving
Mode
AT+CMMSSCONT
Max Response Time
-
Reference
Note
15.2.5 AT+CMMSEDIT
Enter or Exit Edit Mode
AT+CMMSEDIT
Enter or Exit Edit Mode
Test Command
AT+CMMSEDIT=?
Response
+CMMSEDIT: (0,1)
OK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More