Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SIM800 Fiches technique(PDF) 32 Page - SIMCom

No de pièce SIM800
Description  SIM800 Series AT Command Manual
PDF  380 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SIMCOM [SIMCom]
Site Internet  https://www.simcom.com
Logo SIMCOM - SIMCom

SIM800 Fiches technique(HTML) 32 Page - SIMCom

Back Button SIM800 Datasheet HTML 28Page - SIMCom SIM800 Datasheet HTML 29Page - SIMCom SIM800 Datasheet HTML 30Page - SIMCom SIM800 Datasheet HTML 31Page - SIMCom SIM800 Datasheet HTML 32Page - SIMCom SIM800 Datasheet HTML 33Page - SIMCom SIM800 Datasheet HTML 34Page - SIMCom SIM800 Datasheet HTML 35Page - SIMCom SIM800 Datasheet HTML 36Page - SIMCom Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 380 page
background image
Smart Machine Smart Decision
SIM800 Series_AT Command Manual_V1.09
32
2015-08-03
I
Override the CLIR supplementary service subscription
default value for this call
Invocation (restrict CLI presentation)
i
Override the CLIR supplementary service subscription
default value for this call
Suppression (allow CLI presentation)
<cug>
G
Control the CUG supplementary service information
for this call
CUG Not supported
g
Control the CUG supplementary service information
for this call
CUG Not supported
<;>
Only required to set up voice call , return to
Command state
Parameter Saving
Mode
NO_SAVE
Max
Response
Time
-
Reference
V.25ter
Note
Parameter "I" and "i" only if no *# code is within the dial string
*# codes sent with ATD are treated as voice calls. Therefore, the Command
must be terminated with a semicolon ";"
See ATX Command for setting result code and call monitoring parameters.
2.2.5 ATD><str>
Originate Call to Phone Number in Memory Which Corresponds to
Field <str>
ATD><str>
Originate Call to Phone Number in Memory Which Corresponds to Field
<str>
Execution
Command
ATD><str>[<clir
>][<cug>][;]
Response
This Command make the TA attempts to set up an outgoing call to stored
number.
All available memories are searched for the entry <str>.
Note: This Command may be aborted generally by receiving an ATH
Command or a character during execution. The aborting is not possible
during some states of connection establishment such as handshaking.
If error is related to ME functionality
+CME ERROR: <err>
If no dial tone and (parameter setting ATX2 or ATX4)
NO DIALTONE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More