Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SIM800 Fiches technique(PDF) 79 Page - SIMCom

No de pièce SIM800
Description  SIM800 Series AT Command Manual
PDF  380 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SIMCOM [SIMCom]
Site Internet  https://www.simcom.com
Logo SIMCOM - SIMCom

SIM800 Fiches technique(HTML) 79 Page - SIMCom

Back Button SIM800 Datasheet HTML 75Page - SIMCom SIM800 Datasheet HTML 76Page - SIMCom SIM800 Datasheet HTML 77Page - SIMCom SIM800 Datasheet HTML 78Page - SIMCom SIM800 Datasheet HTML 79Page - SIMCom SIM800 Datasheet HTML 80Page - SIMCom SIM800 Datasheet HTML 81Page - SIMCom SIM800 Datasheet HTML 82Page - SIMCom SIM800 Datasheet HTML 83Page - SIMCom Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 380 page
background image
Smart Machine Smart Decision
SIM800 Series_AT Command Manual_V1.09
79
2015-08-03
+COLP: <n>,<m>
OK
If error is related to ME functionality:
+CME ERROR: <err>
AT+COLP?
Parameters
See Write Command
Response
TA enables or disables the presentation of the COL (Connected Line) at the
TE for a mobile originated call. It has no effect on the execution of the
supplementary service COLR in the network.
Intermediate result code is returned from TA to TE before any +CR or
V.25ter responses.
OK
If error is related to ME functionality:
+CME ERROR: <err>
Parameters
<n>
(parameter sets/shows the result code presentation status in the
TA):
0 Disable +COLP notification
1 Enable +COLP notification
<m>
(parameter shows the subscriber COLP service status in the
network):
0 COLP not provisioned
1 COLP provisioned
2 Unknown (e.g. no network, etc.)
Intermediate result code
When enabled (and called subscriber allows), an intermediate result code is
returned before any +CR or V.25ter responses:
+COLP: <number>,<type>[,<subaddr>,<satype> ,<alphaId>]
Write Command
AT+COLP=<n>
Parameters
<number>
String type (string should be included in quotation marks)
phone number of format specified by <type>
<type>
Type of address octet in integer format;
129 Unknown type
161 National number type
145 International number type
177 Network specific number
<subaddr>
String type (string should be included in quotation marks)
sub address of format specified by <satype>
<satype>
Type of sub address octet in integer format (refer GSM
04.08 [8] sub clause 10.5.4.8)
<alphaId>
String type (string should be included in quotation marks)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More