| Moteur de recherche de fiches techniques de composants électroniques |
|
SIM800 Fiches technique(PDF) 37 Page - SIMCom |
|
|
|||||||||||||||||||||||||||||
SIM800 Fiches technique(HTML) 37 Page - SIMCom |
|
37 / 380 page ![]() Smart Machine Smart Decision SIM800 Series_AT Command Manual_V1.09 37 2015-08-03 To prevent the +++ escape sequence from being misinterpreted as data, it should comply to following sequence: No characters entered for T1 time (1 second) "+++" characters entered with no characters in between (1 second) No characters entered for T1 timer (1 second) Switch to Command mode, otherwise go to step 1. Parameter Saving Mode NO_SAVE Max Response Time - Reference V.25ter Note To return from Command mode back to data mode: Enter ATO. 2.2.13 ATO Switch from Command Mode to Data Mode ATO Switch from Command Mode to Data Mode Response TA resumes the connection and switches back from Command mode to data mode. CONNECT If connection is not successfully resumed ERROR else TA returns to data mode from command mode CONNECT <text> Note: <text> only if parameter setting ATX>0 Execution Command ATO[n] Parameter <n> 0 Switch from command mode to data mode. Parameter Saving Mode NO_SAVE Max Response Time - Reference V.25ter Note 2.2.14 ATP Select Pulse Dialling ATP Select Pulse Dialling Execution Command ATP Response OK |