Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SIM800 Fiches technique(PDF) 78 Page - SIMCom

No de pièce SIM800
Description  SIM800 Series AT Command Manual
PDF  380 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SIMCOM [SIMCom]
Site Internet  https://www.simcom.com
Logo SIMCOM - SIMCom

SIM800 Fiches technique(HTML) 78 Page - SIMCom

Back Button SIM800 Datasheet HTML 74Page - SIMCom SIM800 Datasheet HTML 75Page - SIMCom SIM800 Datasheet HTML 76Page - SIMCom SIM800 Datasheet HTML 77Page - SIMCom SIM800 Datasheet HTML 78Page - SIMCom SIM800 Datasheet HTML 79Page - SIMCom SIM800 Datasheet HTML 80Page - SIMCom SIM800 Datasheet HTML 81Page - SIMCom SIM800 Datasheet HTML 82Page - SIMCom Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 380 page
background image
Smart Machine Smart Decision
SIM800 Series_AT Command Manual_V1.09
78
2015-08-03
Response
+CMEE: (list of supported <n>s)
OK
Test Command
AT+CMEE=?
Parameters
See Write Command
Response
+CMEE: <n>
OK
Read Command
AT+CMEE?
Parameters
See Write Command
Response
TA disables or enables the use of result code +CME ERROR: <err> as an
indication of an error relating to the functionality of the ME.
OK
If error is related to ME functionality:
+CME ERROR:<err>
Write Command
AT+CMEE=[<n>
]
Parameters
<n>
0
Disable +CME ERROR: <err> result code and use ERROR
instead.
1 Enable +CME ERROR: <err> result code and use numeric
<err>
2
Enable +CME ERROR: <err> result code and use verbose
<err> values
Parameter Saving
Mode
AT&W_SAVE
Max
Response
Time
-
Reference
3GPP TS 27.007
[13]
Note
3.2.21 AT+COLP
Connected Line Identification Presentation
AT+COLP
Connected Line Identification Presentation
Response
+COLP: (list of supported <n>s)
OK
Test Command
AT+COLP=?
Parameters
See Write Command
Read Command
Response



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More