Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SIM800 Fiches technique(PDF) 73 Page - SIMCom

No de pièce SIM800
Description  SIM800 Series AT Command Manual
PDF  380 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SIMCOM [SIMCom]
Site Internet  https://www.simcom.com
Logo SIMCOM - SIMCom

SIM800 Fiches technique(HTML) 73 Page - SIMCom

Back Button SIM800 Datasheet HTML 69Page - SIMCom SIM800 Datasheet HTML 70Page - SIMCom SIM800 Datasheet HTML 71Page - SIMCom SIM800 Datasheet HTML 72Page - SIMCom SIM800 Datasheet HTML 73Page - SIMCom SIM800 Datasheet HTML 74Page - SIMCom SIM800 Datasheet HTML 75Page - SIMCom SIM800 Datasheet HTML 76Page - SIMCom SIM800 Datasheet HTML 77Page - SIMCom Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 380 page
background image
Smart Machine Smart Decision
SIM800 Series_AT Command Manual_V1.09
73
2015-08-03
[,<number>,<type>,<alphaID>][...]]]
OK
If error is related to ME functionality:
+CME ERROR: <err>
Parameters
<idx>
1..7 Call identification number
This number can be used in +CHLD command operations
<dir>
0 Mobile originated (MO) call
1 Mobile terminated (MT) call
<stat>
State of the call:
0 Active
1 Held
2 Dialing (MO call)
3 Alerting (MO call)
4 Incoming (MT call)
5 Waiting (MT call)
6 Disconnect
<mode>
Bearer/tele service:
0 Voice
1 Data
2 Fax
<mpty>
0 Call is not one of multiparty (conference) call parties
1 Call is one of multiparty (conference) call parties
<number>
String type (string should be included in quotation marks)
phone number in format specified by <type>.
<type>
Type of address
<alphaId>
String type (string should be included in quotation marks)
alphanumeric representation of <number> corresponding to the entry
found in phone book.
Parameter Saving
Mode
AUTO_SAVE
Max
Response
Time
-
Reference
3GPP TS 27.007
[13][14]
Note
3.2.17 AT+CLCK
Facility Lock
AT+CLCK
Facility Lock
Test Command
AT+CLCK=?
Response
+CLCK: (list of supported <fac>s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More