| Moteur de recherche de fiches techniques de composants électroniques |
|
SIM800 Fiches technique(PDF) 14 Page - SIMCom |
|
|
|||||||||||||||||||||||||||||
SIM800 Fiches technique(HTML) 14 Page - SIMCom |
|
14 / 380 page ![]() Smart Machine Smart Decision SIM800 Series_AT Command Manual_V1.09 14 2015-08-03 Version History Version Date Chapter What is new V1.00 New version All Modify GSM 07.05 to 3GPP TS 27.005,modify GSM 07.07 to 3GPP TS 27.007 1.1 Scope of the document Add SIM800 2.2.8 ATH Delete ATH parameter [n] 2.2.12 +++ Change "0.5 second" to "1 second" 2.2.13 ATO Change "NO CARRIER" to "ERROR" 2.2.26 ATX Change default value from 0 to 4 2.2.32 AT&W Add AT+CFGRI,AT+CSGS 2.2.41.1 Auto-bauding Disable DTR auto-bauding 3.2.14 AT+CHLD Delete parameter of CHLD 3.2.18 AT+CLIP Change URC parameter 3.2.51 AT+CRSL Delete reference Note 3.2.7 AT+CEER Change description of 34 (emergency call not possible) 4.2.10 AT+CRES Delete description of CSCB 4.2.11 AT+CSAS Delete description of CSCB 6.2.4 AT+CMIC Add reference Note 6.2.11 AT+CFGRI Add default value 6.2.16 AT+CCVM Modify Test Command response information and parameter description 6.2.18 AT+CHF Add URC 6.2.26 AT+STTONE Change <duration> supported range;delete reference note 6.2.27 AT+SIMTONE Modify last parameter of Test Command to 10-500000 6.2.48 AT+SLEDS Modify default value 6.2.55 AT+CSGS Add ATC 6.2.56 AT+CMICBIAS Add ATC 8.2.2 AT+CIPSTART Modify parameter 8.2.15 AT+CIPHEAD Modify parameter 8.2.20 AT+CIPSRIP Modify parameter 8.2.23 AT+CIPCCFG Modify write cmd parameters V1.01 2013-07-23 8.2.26 AT+CIPRXGET Add "single IP & multi IP connection" information |