| Moteur de recherche de fiches techniques de composants électroniques |
|
SIM800 Fiches technique(PDF) 82 Page - SIMCom |
|
|
|||||||||||||||||||||||||||||
SIM800 Fiches technique(HTML) 82 Page - SIMCom |
|
82 / 380 page ![]() Smart Machine Smart Decision SIM800 Series_AT Command Manual_V1.09 82 2015-08-03 OK If error is related to ME functionality: +CME ERROR: <err> Parameters <pas> 0 Ready (MT allows commands from TA/TE) 2 Unknown (MT is not guaranteed to respond to tructions) 3 Ringing (MT is ready for commands from TA/TE, but the ringer is active) 4 Call in progress (MT is ready for commands from TA/TE, a call is in progress) Parameter Saving Mode NO_SAVE Max Response Time - Reference 3GPP TS 27.007 [13] Note 3.2.24 AT+CPBF Find Phonebook Entries AT+CPBF Find Phonebook Entries Response +CPBF: maximum length of field <nlength>,maximum length of field <tlength> OK If error is related to ME functionality: +CME ERROR: <err> Test Command AT+CPBF=? Parameters See Write Command Response TA returns phone book entries(from the current phone book memory storage selected with +CPBS) which contains alphanumeric string <findtext>. [+CPBF:<index1>,<number>,<type>,<text>] [[…]<CR><LF>+CBPF:<index2>,<number>,<type>,<text>] OK Write Command AT+CPBF=[<find text>] Parameters <findtext> String type(string should be included in quotation marks) field of maximum length <tlength> in current TE character set specified by |