| Moteur de recherche de fiches techniques de composants électroniques |
|
SIM800 Fiches technique(PDF) 62 Page - SIMCom |
|
|
|||||||||||||||||||||||||||||
SIM800 Fiches technique(HTML) 62 Page - SIMCom |
|
62 / 380 page ![]() Smart Machine Smart Decision SIM800 Series_AT Command Manual_V1.09 62 2015-08-03 when <mode>=2 and command successful: +CCFC: <status>,<class1>[,<number>,<type>[,<subaddr>,<satype>[,<time>]]] [<CR><LF>+CCFC: <status>,<class2>[,<number>,<type>[,<subaddr>,<satype>[,<time>]]][ …] OK If no call forwarding numbers are registered (and therefore all classes are inactive): +CCFC: <status>, <class> OK where <status>=0 and <class>=7 If error is related to ME functionality: +CME ERROR: <err> Parameters <reason> 0 Unconditional 1 Mobile busy 2 No reply 3 Not reachable 4 All call forwarding 5 All conditional call forwarding <mode> 0 Disable 1 Enable 2 Query status 3 Registration 4 Erasure <number> String type (Phone number of forwarding address in format specified by <type>) <type> Type of address <subaddr> String type (subaddress of format specified by <satype>) <satype> Type of sub-address in integer <class> 1 Voice (telephony) 2 Data (refers to all bearer services; with <mode>=2 this may refer only to some bearer service if TA does not support values 16, 32, 64 and 128) 4 Fax (facsimile services) 7 All classes <time> 1..30 When "no reply" is enabled or queried, this gives the time in seconds to wait before call is forwarded, default value is 20.Supported only if it is multiples of 5. <status> 0 Not active |