| Moteur de recherche de fiches techniques de composants électroniques |
|
SIM800 Fiches technique(PDF) 81 Page - SIMCom |
|
|
|||||||||||||||||||||||||||||
SIM800 Fiches technique(HTML) 81 Page - SIMCom |
|
81 / 380 page ![]() Smart Machine Smart Decision SIM800 Series_AT Command Manual_V1.09 81 2015-08-03 OK If error is related to ME functionality: +CME ERROR: <err> Parameters <stat> 0 Unknown 1 Operator available 2 Operator current 3 Operator forbidden <oper> Refer to [27.007] operator in format as per <format> <mode> 0 Automatic mode; <oper> field is ignored 1 Manual (<oper> field shall be present, and <AcT> optionally) 2 manual deregister from network 3 set only <format> (for read Command +COPS?) - not shown in Read Command response 4 Manual/automatic (<oper> field shall be present); if manual selection fails, automatic mode (<mode>=0) is entered <format> 0 Long format alphanumeric <oper> 1 Short format alphanumeric <oper> 2 Numeric <oper>; GSM Location Area Identification number Parameter Saving Mode AUTO_SAVE Max Response Time Test command: 45 seconds Write command: 120 seconds Reference 3GPP TS 27.007 [14] Note 3.2.23 AT+CPAS Phone Activity Status AT+CPAS Phone Activity Status Response +CPAS: (list of supported <pas>s) OK Test Command AT+CPAS=? Parameters See Execution Command Execution Command AT+CPAS Response TA returns the activity status of ME. +CPAS: <pas> |