Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SIM800 Fiches technique(PDF) 27 Page - SIMCom

No de pièce SIM800
Description  SIM800 Series AT Command Manual
PDF  380 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SIMCOM [SIMCom]
Site Internet  https://www.simcom.com
Logo SIMCOM - SIMCom

SIM800 Fiches technique(HTML) 27 Page - SIMCom

Back Button SIM800 Datasheet HTML 23Page - SIMCom SIM800 Datasheet HTML 24Page - SIMCom SIM800 Datasheet HTML 25Page - SIMCom SIM800 Datasheet HTML 26Page - SIMCom SIM800 Datasheet HTML 27Page - SIMCom SIM800 Datasheet HTML 28Page - SIMCom SIM800 Datasheet HTML 29Page - SIMCom SIM800 Datasheet HTML 30Page - SIMCom SIM800 Datasheet HTML 31Page - SIMCom Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 380 page
background image
Smart Machine Smart Decision
SIM800 Series_AT Command Manual_V1.09
27
2015-08-03
2 AT Commands According to V.25TER
These AT Commands are designed according to the ITU-T (International Telecommunication
Union, Telecommunication sector) V.25ter document.
2.1 Overview of AT Commands According to V.25TER
Command
Description
A/
Re-issues the last command given
ATA
Answer an incoming call
ATD
Mobile originated call to dial a number
ATD><N>
Originate call to phone number in current memory
ATD><STR>
Originate call to phone number in memory which corresponds to field
<str>
ATDL
Redial last telephone number used
ATE
Set command echo mode
ATH
Disconnect existing connection
ATI
Display product identification information
ATL
Set monitor speaker loudness
ATM
Set monitor speaker mode
+++
Switch from data mode or ppp online mode to command mode
ATO
Switch from command mode to data mode
ATP
Select pulse dialling
ATQ
Set result code presentation mode
ATS0
Set number of rings before automatically answering the call
ATS3
Set command line termination character
ATS4
Set response formatting character
ATS5
Set command line editing character
ATS6
Pause before blind dialling
ATS7
Set number of seconds to wait for connection completion
ATS8
Set number of seconds to wait for comma dial modifier encountered in
dial string of D command
ATS10
Set disconnect delay after indicating the absence of data carrier
ATT
Select tone dialing
ATV
TA response format
ATX
Set connect result code format and monitor call progress
ATZ
Reset default configuration
AT&C
Set DCD function mode
AT&D
Set DTR function mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More