| Moteur de recherche de fiches techniques de composants électroniques |
|
SIM800 Fiches technique(PDF) 54 Page - SIMCom |
|
|
|||||||||||||||||||||||||||||
SIM800 Fiches technique(HTML) 54 Page - SIMCom |
|
54 / 380 page ![]() Smart Machine Smart Decision SIM800 Series_AT Command Manual_V1.09 54 2015-08-03 Parameter Saving Mode AT&W_SAVE Max Response Time - Reference V.25ter Note 2.2.41 AT+IPR Set TE-TA Fixed Local Rate AT+IPR Set TE-TA Fixed Local Rate Response +IPR: (list of supported auto detectable <rate>s),(list of supported fixed-only <rate>s) OK Test Command AT+IPR=? Parameters See Write Command Response +IPR: <rate> OK Read Command AT+IPR? Parameters See Write Command Response This parameter setting determines the data rate of the TA on the serial interface. The rate of Command takes effect following the issuance of any result code associated with the current Command line. OK Write Command AT+IPR=<rate> Parameters <rate> Baud rate per second 0 (Auto-bauding) 1200 2400 4800 9600 19200 38400 57600 115200 230400 460800 Parameter Saving Mode AT&W_SAVE |