| Moteur de recherche de fiches techniques de composants électroniques |
|
SIM800 Fiches technique(PDF) 311 Page - SIMCom |
|
|
|||||||||||||||||||||||||||||
SIM800 Fiches technique(HTML) 311 Page - SIMCom |
|
311 / 380 page ![]() Smart Machine Smart Decision SIM800 Series_AT Command Manual_V1.09 311 2015-08-03 15 AT Commands for MMS Application SIM800 series support MMS operation. 15.1 Overview Command Description AT+CMMSCURL Set the URL of the MMS center AT+CMMSPROTO Set the protocol parameter and MMS proxy AT+CMMSCID Set the network parameters for MMS AT+CMMSSENDCFG Set the parameters for sending MMS AT+CMMSEDIT Enter or exit edit mode AT+CMMSDOWN Download the file data or title from UART AT+CMMSDELFILE Delete the file of the edited MMS by file index AT+CMMSSEND Start MMS sending AT+CMMSRECP Add recipients AT+CMMSCC Add copy recipients AT+CMMSBCC Add secret recipients AT+CMMSDELRECP Delete recipients AT+CMMSDELCC Delete copy recipients AT+CMMSDELBCC Delete secret recipients AT+CMMSRECV Receive MMS AT+CMMSVIEW Get the MMS into buffer and show the information AT+CMMSREAD Read the given file of the MMS in the buffer AT+CMMSRDPUSH Read the information of the MMS push message AT+CMMSUA Set User Agent AT+CMMSPROFILE Set User Agent Profile AT+CMMSTIMEOUT Set MMS Timeout AT+CMMSSTATUS Get MMS Status AT+CMMSINIT Initialize MMS Function AT+CMMSTERM Exit MMS function AT+CMMSSCONT Save MMS context |