| Moteur de recherche de fiches techniques de composants électroniques |
|
SIM800 Fiches technique(PDF) 319 Page - SIMCom |
|
|
|||||||||||||||||||||||||||||
SIM800 Fiches technique(HTML) 319 Page - SIMCom |
|
319 / 380 page ![]() Smart Machine Smart Decision SIM800 Series_AT Command Manual_V1.09 319 2015-08-03 15.2.9 AT+CMMSRECP Add Recipients AT+CMMSRECP Add Recipients Test Command AT+CMMSRECP= ? Response +CMMSRECP: "ADDRESS" OK Response +CMMSRECP: the list of <addr>s OK Read Command AT+CMMSRECP? Parameters See Write Command Response OK or ERROR or +CME ERROR: <err> Write Command AT+CMMSRECP= <addr> Parameters <addr> a string parameter which indicates phone number or email address of recipients. The maximum length of the string is 40. Parameter Saving Mode NO_SAVE Max Response Time - Reference Note The maximum of recipients is 20 and this command is valid only when it is allowed to edit MMS 15.2.10 AT+CMMSCC Add Copy Recipients AT+CMMSCC Add Copy Recipients Test Command AT+CMMSCC=? Response +CMMSCC: "ADDRESS" OK Read Command AT+CMMSCC? Response +CMMSCC: the list of <addr>s OK |