| Moteur de recherche de fiches techniques de composants électroniques |
|
SIM800 Fiches technique(PDF) 15 Page - SIMCom |
|
|
|||||||||||||||||||||||||||||
SIM800 Fiches technique(HTML) 15 Page - SIMCom |
|
15 / 380 page ![]() Smart Machine Smart Decision SIM800 Series_AT Command Manual_V1.09 15 2015-08-03 9.2.1 AT+SAPBR Modify parameter 12.2.23 AT+FTPLIST Change "Execution Command" to "Write Command" 14.2.8 AT+SMTPBODY Change "Execution Command" to "Write Command" 14.2.10 AT+SMTPSEND Modify parameter 14.2.11 AT+SMTPFT Change "Execution Command" to "Write Command" 15.2.15 AT+CMMSRECV Change reference note 15.2.21 AT+CMMSTIMEOUT Change "milliseconds" to "seconds" 15.2.25 AT+CMMSSCONT Modify parameter of Execution Command 17.2.1 AT+CREC Add note 18.2.2 AT+CTTSPARAM Modify parameter;add note 20.8 GPRS Commands Modify the CGQREQ example 20.17 RECORD Commands Add example 3.2.17 AT+CLCK Add Max Response Time 3.2.22 AT+COPS Add Max Response Time 3.2.29 AT+CPWD Add Max Response Time 3.2.28 AT+CPIN Add Max Response Time 3.2.41 AT+VTS Add Max Response Time 3.2.44 AT+CPOL Add Max Response Time 3.2.45 AT+COPN Add Max Response Time 3.2.54 AT+CPUC Add Max Response Time 6.2.7 AT+CADC Add Max Response Time 6.2.23 AT+CCID Add Max Response Time 7.2.1 AT+CGATT Add Max Response Time 7.2.5 AT+CGACT Add Max Response Time 3.2.24 AT+CPBF Modify description of max response time 3.2.25 AT+CPBR Modify description of max response time 4.2.1 CMGD Modify description of max response time 4.2.3 CMGL Modify description of max response time 6.2.25 CMGDA Modify description of max response time 15.2.8 AT+CMMSSEND Modify description of max response time 15.2.15 AT+CMMSRECV Modify description of max response time 2.2.16 ATS0 Add parameter saving mode 2.2.20 ATS6 Add parameter saving mode 2.2.21 ATS7 Add parameter saving mode |