| Moteur de recherche de fiches techniques de composants électroniques |
|
SIM800 Fiches technique(PDF) 51 Page - SIMCom |
|
|
|||||||||||||||||||||||||||||
SIM800 Fiches technique(HTML) 51 Page - SIMCom |
|
51 / 380 page ![]() Smart Machine Smart Decision SIM800 Series_AT Command Manual_V1.09 51 2015-08-03 Revision: <revision> OK AT+GMR Parameters <revision> Revision of software release Parameter Saving Mode NO_SAVE Max Response Time - Reference V.25ter Note 2.2.37 AT+GOI Request Global Object Identification AT+GOI Request Global Object Identification Test Command AT+GOI=? Response OK Response TA reports one or more lines of information text which permit the user to identify the device, based on the ISO system for registering unique object identifiers. <Object Id> OK Execution Command AT+GOI Parameters <Object Id> Identifier of device type see X.208, 209 for the format of <Object Id> Parameter Saving Mode NO_SAVE Max Response Time - Reference V.25ter Note 2.2.38 AT+GSN Request TA Serial Number Identification (IMEI) AT+GSN Request TA Serial Number Identification(IMEI) Test Command AT+GSN=? Response OK Execution Command Response TA reports the IMEI (international mobile equipment identifier) number in |