Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SIM800 Fiches technique(PDF) 28 Page - SIMCom

No de pièce SIM800
Description  SIM800 Series AT Command Manual
PDF  380 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SIMCOM [SIMCom]
Site Internet  https://www.simcom.com
Logo SIMCOM - SIMCom

SIM800 Fiches technique(HTML) 28 Page - SIMCom

Back Button SIM800 Datasheet HTML 24Page - SIMCom SIM800 Datasheet HTML 25Page - SIMCom SIM800 Datasheet HTML 26Page - SIMCom SIM800 Datasheet HTML 27Page - SIMCom SIM800 Datasheet HTML 28Page - SIMCom SIM800 Datasheet HTML 29Page - SIMCom SIM800 Datasheet HTML 30Page - SIMCom SIM800 Datasheet HTML 31Page - SIMCom SIM800 Datasheet HTML 32Page - SIMCom Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 380 page
background image
Smart Machine Smart Decision
SIM800 Series_AT Command Manual_V1.09
28
2015-08-03
AT&F
Factory defined configuration
AT&V
Display current configuration
AT&W
Store active profile
AT+GCAP
Request complete TA capabilities list
AT+GMI
Request manufacturer identification
AT+GMM
Request TA model identification
AT+GMR
Request TA revision identification of software release
AT+GOI
Request global object identification
AT+GSN
Request TA serial number identification (IMEI)
AT+ICF
Set TE-TA control character framing
AT+IFC
Set TE-TA local data flow control
AT+IPR
Set TE-TA fixed local rate
AT+HVOIC
Disconnect voice call only
2.2 Detailed Description of AT Commands According to V.25TER
2.2.1 A/
Re-issues the Last Command Given
A/
Re-issues the Last Command Given
Execution
Command
A/
Response
Re-issues the previous Command
Reference
V.25ter
Note
2.2.2 ATA
Answer an Incoming Call
ATA
Answer an Incoming Call
Execution
Command
ATA
Response
TA sends off-hook to the remote station.
Note1: Any additional commands on the same Command line are ignored.
Note2: This Command may be aborted generally by receiving a character
during execution. The aborting is not possible during some states of
connection establishment such as handshaking.
Response in case of data call, if successfully connected
CONNECT<text> TA switches to data mode.
Note: <text> output only if ATX<value> parameter setting with the
<value>>0
When TA returns to Command mode after call release
OK
Response in case of voice call, if successfully connected



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More