| Moteur de recherche de fiches techniques de composants électroniques |
|
SIM800 Fiches technique(PDF) 312 Page - SIMCom |
|
|
|||||||||||||||||||||||||||||
SIM800 Fiches technique(HTML) 312 Page - SIMCom |
|
312 / 380 page ![]() Smart Machine Smart Decision SIM800 Series_AT Command Manual_V1.09 312 2015-08-03 15.2 Detailed Descriptions of Commands 15.2.1 AT+CMMSCURL Set the URL of the MMS Center AT+CMMSCURL Set the URL of the MMS Center Test Command AT+CMMSCURL= ? Response +CMMSCURL: “URL” OK Parameters See Write Command Response +CMMSCURL: <mmscurl> OK Read Command AT+CMMSCURL? Parameters See Write Command Response OK or ERROR or +CME ERROR: <err> Write Command AT+CMMSCURL= <mmscurl> Parameters <mmscurl> The URL of the MMS center. Parameter Saving Mode AT+CMMSSCONT Max Response Time - Reference Note 15.2.2 AT+CMMSPROTO Set the Protocol Parameter and MMS Proxy AT+CMMSPROTO Set the Protocol Parameter and MMS Proxy Response +CMMSPROTO: “(0-255).(0-255).(0-255).(0-255)”,(1-65535) OK Test Command AT+CMMSPROTO =? Parameters See Write Command |