| Moteur de recherche de fiches techniques de composants électroniques |
|
SIM800 Fiches technique(PDF) 34 Page - SIMCom |
|
|
|||||||||||||||||||||||||||||
SIM800 Fiches technique(HTML) 34 Page - SIMCom |
|
34 / 380 page ![]() Smart Machine Smart Decision SIM800 Series_AT Command Manual_V1.09 34 2015-08-03 2.2.6 ATDL Redial Last Telephone Number Used ATDL Redial Last Telephone Number Used Execution Command ATDL Response This Command redials the last voice and data call number used. Note: This Command may be aborted generally by receiving an ATH Command or a character during execution. The aborting is not possible during some states of connection establishment such as handshaking. If error is related to ME functionality +CME ERROR: <err> If no dial tone and (parameter setting ATX2 or ATX4) NO DIALTONE If busy and (parameter setting ATX3 or ATX4) BUSY If a connection cannot be established NO CARRIER If the remote station does not answer NO ANSWER If connection successful and non-voice call. CONNECT<text> TA switches to data mode. Note: <text> output only if ATX<value> parameter setting with the <value> >0 When TA returns to Command mode after call release OK If successfully connected and voice call OK Parameter Saving Mode NO_SAVE Max Response Time - Reference V.25ter Note See ATX Command for setting result code and call monitoring parameters. Return the numbers and symbols which ATD supports if there is no last dialing context. |