| Moteur de recherche de fiches techniques de composants électroniques |
|
SIM800 Fiches technique(PDF) 53 Page - SIMCom |
|
|
|||||||||||||||||||||||||||||
SIM800 Fiches technique(HTML) 53 Page - SIMCom |
|
53 / 380 page ![]() Smart Machine Smart Decision SIM800 Series_AT Command Manual_V1.09 53 2015-08-03 3 space (0) Parameter Saving Mode AT&W_SAVE Max Response Time - Reference V.25ter Note The Command is applied for Command state; In <format> parameter, "0 parity" means no parity; The <parity> field is ignored if the <format> field specifies no parity and string "+ICF: <format>,255" will be response to AT+ICF? Command. 2.2.40 AT+IFC Set TE-TA Local Data Flow Control AT+IFC Set TE-TA Local Data Flow Control Response +IFC: (list of supported <dce_by_dte>s),(list of supported <dte_by_dce>s) OK Test Command AT+IFC=? Parameters See Write Command Response +IFC: <dce_by_dte>,<dte_by_dce> OK Read Command AT+IFC? Parameters See Write Command Response This parameter setting determines the data flow control on the serial interface for data mode. OK Write Command AT+IFC=<dce_b y_dte>[,<dte_by _dce>] Parameters <dce_by_dte> Specifies the method will be used by TE at receive of data from TA 0 No flow control 1 Software flow control 2 Hardware flow control <dte_by_dce>Specifies the method will be used by TA at receive of data from TE 0 No flow control 1 Software flow control 2 Hardware flow control |