Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SIM800 Fiches technique(PDF) 8 Page - SIMCom

No de pièce SIM800
Description  SIM800 Series AT Command Manual
PDF  380 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SIMCOM [SIMCom]
Site Internet  https://www.simcom.com
Logo SIMCOM - SIMCom

SIM800 Fiches technique(HTML) 8 Page - SIMCom

Back Button SIM800 Datasheet HTML 4Page - SIMCom SIM800 Datasheet HTML 5Page - SIMCom SIM800 Datasheet HTML 6Page - SIMCom SIM800 Datasheet HTML 7Page - SIMCom SIM800 Datasheet HTML 8Page - SIMCom SIM800 Datasheet HTML 9Page - SIMCom SIM800 Datasheet HTML 10Page - SIMCom SIM800 Datasheet HTML 11Page - SIMCom SIM800 Datasheet HTML 12Page - SIMCom Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 380 page
background image
Smart Machine Smart Decision
SIM800 Series_AT Command Manual_V1.09
8
2015-08-03
6.2.55 AT+CSGS
Netlight Indication of GPRS Status .....................................................187
6.2.56 AT+CMICBIAS
Close or Open the MICBIAS ......................................................188
6.2.57 AT+DTAM
Set TTS and RECORD Play Mode in Call .........................................189
6.2.58 AT+SJDR Set Jamming Detection Function ...........................................................189
6.2.59 AT+CPCMCFG Set PCM Parameter ......................................................................191
6.2.60 AT+CPCMSYNC Set PCM Sync Parameter...........................................................192
6.2.61 AT+CANT Antenna Detecting ................................................................................193
6.2.62 AT+CAGCSET Close or Open AGC Function .......................................................194
6.2.63 AT+SD2PCM SD and PCM Switch Function.........................................................194
6.2.64 AT+SKPD Keypad Detecting Function...................................................................195
6.2.65 AT+SIMTONEX Custom Tones ...............................................................................196
6.2.66 AT+CROAMING Roaming State..............................................................................197
6.2.67 AT+CNETSCAN Perform a Net Survey to Show All the Cells’ Information...........197
6.2.68 AT+CMNRP Dual Serial Port Feature....................................................................198
6.2.69 AT+CEGPRS Switch on or off EDGE ...................................................................199
6.2.70 AT+CGPIO Control the GPIO by PIN Index ..........................................................200
6.2.71 AT+CMEDPLAY Play Audio File ..........................................................................201
6.2.72 AT+CMEDIAVOL Control the Volume when Playing Audio File..........................202
6.2.73 AT+SNDLEVEL Set the Sound Level of Special AT Command ............................202
6.2.74 AT+ECHARGE Charge Control.............................................................................203
6.2.75 AT+SIMTIMER Modify the Poll Interval Time Requested by SIM Card .............204
6.2.76 AT+SPE Speech Enhancement Control..................................................................204
6.2.77 AT+CCONCINDEX Report Concatenated SMS Index..........................................205
6.2.78 AT+SDMODE SD Mode Switch Function .............................................................205
6.2.79 AT+SRSPT Control SMS Retransmission..............................................................206
7 AT Commands for GPRS Support ......................................................208
7.1 Overview of AT Commands for GPRS Support...............................................208
7.2 Detailed Descriptions of AT Commands for GPRS Support............................208
7.2.1 AT+CGATT Attach or Detach from GPRS Service ..................................................208
7.2.2 AT+CGDCONT Define PDP Context .......................................................................209
7.2.3 AT+CGQMIN Quality of Service Profile (Minimum Acceptable) ...........................210
7.2.4 AT+CGQREQ Quality of Service Profile (Requested) .............................................211
7.2.5 AT+CGACT PDP Context Activate or Deactivate ....................................................213
7.2.6 AT+CGDATA Enter Data State .................................................................................214
7.2.7 AT+CGPADDR Show PDP Address .........................................................................214
7.2.8 AT+CGCLASS GPRS Mobile Station Class.............................................................215
7.2.9 AT+CGEREP Control Unsolicited GPRS Event Reporting ......................................216
7.2.10 AT+CGREG Network Registration Status ..............................................................217
7.2.11 AT+CGSMS Select Service for MO SMS Messages ..............................................218
8 AT Commands for TCPIP Application Toolkit ..................................220
8.1 Overview ..........................................................................................................220
8.2 Detailed Descriptions of Commands................................................................221



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More