| Moteur de recherche de fiches techniques de composants électroniques |
|
SIM800 Fiches technique(PDF) 47 Page - SIMCom |
|
|
|||||||||||||||||||||||||||||
SIM800 Fiches technique(HTML) 47 Page - SIMCom |
|
47 / 380 page ![]() Smart Machine Smart Decision SIM800 Series_AT Command Manual_V1.09 47 2015-08-03 Parameter Saving Mode NO_SAVE Max Response Time - Reference V.25ter Note Parameter impacted by &F command: refer to AT&W NOTE: Parameters related to uart operation, like csclk, ipr, icf, ifc and cmnrp, will not be reset to default configuration. 2.2.31 AT&V Display Current Configuration AT&V Display Current Configuration Response TA returns the current parameter setting. <current configurations text> OK ERROR Execution Command AT&V[<n>] Parameters <n> 0 Responses in numeric format Parameter Saving Mode NO_SAVE Max Response Time - Reference V.25ter Note 2.2.32 AT&W Store Active Profile AT&W Store Active Profile Response TA stores the current parameter setting in the user defined profile. OK ERROR Execution Command AT&W[<n>] Parameters <n> 0 Store the current configuration in profile 0 Parameter Saving Mode NO_SAVE Max Response Time - |