Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SIM800 Fiches technique(PDF) 9 Page - SIMCom

No de pièce SIM800
Description  SIM800 Series AT Command Manual
PDF  380 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SIMCOM [SIMCom]
Site Internet  https://www.simcom.com
Logo SIMCOM - SIMCom

SIM800 Fiches technique(HTML) 9 Page - SIMCom

Back Button SIM800 Datasheet HTML 5Page - SIMCom SIM800 Datasheet HTML 6Page - SIMCom SIM800 Datasheet HTML 7Page - SIMCom SIM800 Datasheet HTML 8Page - SIMCom SIM800 Datasheet HTML 9Page - SIMCom SIM800 Datasheet HTML 10Page - SIMCom SIM800 Datasheet HTML 11Page - SIMCom SIM800 Datasheet HTML 12Page - SIMCom SIM800 Datasheet HTML 13Page - SIMCom Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 380 page
background image
Smart Machine Smart Decision
SIM800 Series_AT Command Manual_V1.09
9
2015-08-03
8.2.1 AT+CIPMUX Start Up Multi-IP Connection ............................................................221
8.2.2 AT+CIPSTART Start Up TCP or UDP Connection...................................................221
8.2.3 AT+CIPSEND Send Data Through TCP or UDP Connection...................................223
8.2.4 AT+CIPQSEND Select Data Transmitting Mode .....................................................225
8.2.5 AT+CIPACK Query Previous Connection Data Transmitting State..........................226
8.2.6 AT+CIPCLOSE Close TCP or UDP Connection .....................................................227
8.2.7 AT+CIPSHUT Deactivate GPRS PDP Context ........................................................227
8.2.8 AT+CLPORT Set Local Port .....................................................................................228
8.2.9 AT+CSTT Start Task and Set APN, USER NAME, PASSWORD...........................229
8.2.10 AT+CIICR Bring Up Wireless Connection with GPRS or CSD .............................230
8.2.11 AT+CIFSR Get Local IP Address............................................................................230
8.2.12 AT+CIPSTATUS Query Current Connection Status ...............................................231
8.2.13 AT+CDNSCFG Configure Domain Name Server...................................................232
8.2.14 AT+CDNSGIP Query the IP Address of Given Domain Name...............................233
8.2.15 AT+CIPHEAD Add an IP Head at the Beginning of a Package Received..............234
8.2.16 AT+CIPATS Set Auto Sending Timer .....................................................................234
8.2.17 AT+CIPSPRT Set Prompt of ‘>’ When Module Sends Data...................................235
8.2.18 AT+CIPSERVER Configure Module as Server ......................................................236
8.2.19 AT+CIPCSGP Set CSD or GPRS for Connection Mode ........................................237
8.2.20 AT+CIPSRIP Show Remote IP Address and Port When Received Data ................238
8.2.21 AT+CIPDPDP Set Whether to Check State of GPRS Network Timing ..................239
8.2.22 AT+CIPMODE Select TCPIP Application Mode....................................................239
8.2.23 AT+CIPCCFG Configure Transparent Transfer Mode............................................240
8.2.24 AT+CIPSHOWTP Display Transfer Protocol in IP Head When Received Data.....241
8.2.25 AT+CIPUDPMODE UDP Extended Mode.............................................................242
8.2.26 AT+CIPRXGET Get Data from Network Manually ...............................................243
8.2.27 AT+CIPSCONT Save TCPIP Application Context .................................................245
8.2.28 AT+CIPRDTIMER Set Remote Delay Timer ........................................................246
8.2.29 AT+CIPSGTXT Select GPRS PDP context ...........................................................247
8.2.30 AT+CIPTKA Set TCP Keepalive Parameters.........................................................248
9 AT Commands for IP Application.......................................................249
9.1 Overview ..........................................................................................................249
9.2 Detailed Descriptions of Commands................................................................249
9.2.1 AT+SAPBR Bearer Settings for Applications Based on IP.......................................249
10 AT Commands for PING Support .....................................................251
10.1 Overview ........................................................................................................251
10.2 Detailed Descriptions of Commands..............................................................251
10.2.1 AT+CIPPING PING Request..................................................................................251
10.2.2 AT+CIPCTL Set the Mode When Receiving an IP Packet .....................................252
10.2.3 AT+CIPFLT Set the Rules of IP Filter ....................................................................253
10.2.4 AT+CIPBEIPING Set the Module to be PING or Not............................................254
11 AT Commands for HTTP Application ..............................................256



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More