| Moteur de recherche de fiches techniques de composants électroniques |
|
SIM800 Fiches technique(PDF) 313 Page - SIMCom |
|
|
|||||||||||||||||||||||||||||
SIM800 Fiches technique(HTML) 313 Page - SIMCom |
|
313 / 380 page ![]() Smart Machine Smart Decision SIM800 Series_AT Command Manual_V1.09 313 2015-08-03 Response +CMMSPROTO: <Gateway>,<Port> OK Read Command AT+CMMSPROTO ? Parameters See Write Command Response OK or ERROR or +CME ERROR: <err> Write Command AT+CMMSPROTO =<Gateway>,<Port > Parameters <Gateway> IP address of MMS proxy. <Port> Port of MMS proxy. Parameter Saving Mode AT+CMMSSCONT Max Response Time - Reference Note 15.2.3 AT+CMMSCID Set the Network Parameters for MMS AT+CMMSCID Set the Network Parameters for MMS Response +CMMSCID: (1-3) OK Test Command AT+CMMSCID=? Parameters See Write Command Response +CMMSCID: <value> OK Read Command AT+CMMSCID? Parameters See Write Command Write Command AT+CMMSCID=<v alue> Response OK or ERROR or |