| Moteur de recherche de fiches techniques de composants électroniques |
|
SIM800 Fiches technique(PDF) 7 Page - SIMCom |
|
|
|||||||||||||||||||||||||||||
SIM800 Fiches technique(HTML) 7 Page - SIMCom |
|
7 / 380 page ![]() Smart Machine Smart Decision SIM800 Series_AT Command Manual_V1.09 7 2015-08-03 6.2.11 AT+CFGRI Indicate RI When Using URC ............................................................151 6.2.12 AT+CLTS Get Local Timestamp............................................................................152 6.2.13 AT+CLDTMF Local DTMF Tone Generation .......................................................154 6.2.14 AT+CDRIND CS Voice/Data Call Termination Indication ...................................155 6.2.15 AT+CSPN Get Service Provider Name from SIM ..................................................156 6.2.16 AT+CCVM Get and Set the Voice Mail Number on the SIM .................................156 6.2.17 AT+CBAND Get and Set Mobile Operation Band .................................................157 6.2.18 AT+CHF Configure Hands Free Operation.............................................................158 6.2.19 AT+CHFA Swap the Audio Channels .....................................................................159 6.2.20 AT+CSCLK Configure Slow Clock ........................................................................160 6.2.21 AT+CENG Switch on or off Engineering Mode .....................................................161 6.2.22 AT+SCLASS0 Store Class 0 SMS to SIM When Received Class 0 SMS ..............163 6.2.23 AT+CCID Show ICCID ..........................................................................................164 6.2.24 AT+CMTE Set Critical Temperature Operating Mode or Query Temperature......164 6.2.25 AT+CMGDA Delete All SMS................................................................................165 6.2.26 AT+STTONE Play SIM Toolkit Tone....................................................................166 6.2.27 AT+SIMTONE Generate Specifically Tone...........................................................167 6.2.28 AT+CCPD Enable or Disable Alpha String............................................................168 6.2.29 AT+CGID Get SIM Card Group Identifier.............................................................168 6.2.30 AT+MORING Show State of Mobile Originated Call............................................169 6.2.31 AT+CMGHEX Enable or Disable Sending Non-ASCII Character SMS ...............170 6.2.32 AT+CCODE Configure SMS Code Mode..............................................................170 6.2.33 AT+CIURC Enable or Disable Initial URC Presentation .......................................171 6.2.34 AT+CPSPWD Change PS Super Password ............................................................172 6.2.35 AT+EXUNSOL Enable or Disable Proprietary Unsolicited Indications.................172 6.2.36 AT+CGMSCLASS Change GPRS Multislot Class ................................................173 6.2.37 AT+CDEVICE View Current Flash Device Type ..................................................174 6.2.38 AT+CCALR Call Ready Query ..............................................................................174 6.2.39 AT+GSV Display Product Identification Information.............................................174 6.2.40 AT+SGPIO Control the GPIO.................................................................................175 6.2.41 AT+SPWM Generate the Pulse-Width-Modulation ................................................176 6.2.42 AT+ECHO Echo Cancellation Control ...................................................................176 6.2.43 AT+CAAS Control Auto Audio Switch ..................................................................177 6.2.44 AT+SVR Configure Voice Coding Type for Voice Calls.........................................178 6.2.45 AT+GSMBUSY Reject Incoming Call....................................................................179 6.2.46 AT+CEMNL Set the List of Emergency Number ...................................................180 6.2.47 AT*CELLLOCK Set the List of ARFCN Which Needs to Be Locked...................181 6.2.48 AT+SLEDS Set the Timer Period of Net Light .......................................................182 6.2.49 AT+CBUZZERRING Use the Buzzer Sound as the Incoming Call Ring...............183 6.2.50 AT+CEXTERNTONE Close or Open the Microphone...........................................183 6.2.51 AT+CNETLIGHT Close the Net Light or Open It to Shining ................................184 6.2.52 AT+CWHITELIST Set the White List ....................................................................185 6.2.53 AT+CSDT Switch on or off Detecting SIM Card...................................................186 6.2.54 AT+CSMINS SIM Inserted Status Reporting.........................................................186 |