Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SIM800 Fiches technique(PDF) 20 Page - SIMCom

No de pièce SIM800
Description  SIM800 Series AT Command Manual
PDF  380 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SIMCOM [SIMCom]
Site Internet  https://www.simcom.com
Logo SIMCOM - SIMCom

SIM800 Fiches technique(HTML) 20 Page - SIMCom

Back Button SIM800 Datasheet HTML 16Page - SIMCom SIM800 Datasheet HTML 17Page - SIMCom SIM800 Datasheet HTML 18Page - SIMCom SIM800 Datasheet HTML 19Page - SIMCom SIM800 Datasheet HTML 20Page - SIMCom SIM800 Datasheet HTML 21Page - SIMCom SIM800 Datasheet HTML 22Page - SIMCom SIM800 Datasheet HTML 23Page - SIMCom SIM800 Datasheet HTML 24Page - SIMCom Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 380 page
background image
Smart Machine Smart Decision
SIM800 Series_AT Command Manual_V1.09
20
2015-08-03
21.5 AT+SGPIO
Modify difference
21.9 AT+CADC
Add difference
21.10 AT+CSCLK
Add difference
21.13
Add GPIO difference
6.2.52 AT+CWHITELIST
Extend the scope of parameter <mode> to "0-3"
6.2.70 AT+CGPIO
Add AT command
6.2.71 AT+CMEDPLAY
Add AT command
6.2.72 AT+CMEDIAVOL
Add AT command
8.2.14 AT+CDNSGIP
Add error code
12.2
Modify max response time
17.2.1 AT+CREC
Modify note
1.06
2014-10-28
19.3
Modify note
1.1 Scope of the document
Add SIM800C
2.2.16 ATS0
Modify note
6.2.20 AT+CSCLK
Modify note
6.2.73 AT+SNDLEVEL
Add AT command
1.07
2014-12-19
21
Add differences of SIM800C
6.2.55 AT+CSGS
Extend the scope of parameter <mode> to "0-2"
6.2.74 AT+ECHARGE
Add AT command
6.2.75 AT+SIMTIMER
Add AT command
6.2.76 AT+SPE
Add AT command
17.2.1 AT+CREC
Modify note
19.1
Change CME error codes from 810~824 to
600~614
1.08
2015-05-12
21.13
Add AT+ECHARGE,AT+SIMTIMER,AT+SPE
1.1 Scope of the document
Add SIM800A, SIM800F, SIM800C-DS
6.2.21 AT+CENG
Extend the scope of parameter <mode> to "0-4"
and modify note
6.2.65 AT+SIMTONEX
Modify note
6.2.70 AT+CGPIO
Modify response value of test command
6.2.71 AT+CMEDPLAY
Modify note
6.2.77 AT+CCONCINDEX
Add AT command
6.2.78 AT+SDMODE
Add AT command
6.2.79 AT+SRSPT
Add AT command
11.2.9 AT+HTTPHEAD
Add AT command
15.2.6 AT+CMMSDOWN
Modify <type> parameter
17.2.1 AT+CREC
Modify note
1.09
2015-08-03
19.3
Delete URC of "AT+CENG" when <mode>=3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More