| Moteur de recherche de fiches techniques de composants électroniques |
|
SIM800 Fiches technique(PDF) 317 Page - SIMCom |
|
|
|||||||||||||||||||||||||||||
SIM800 Fiches technique(HTML) 317 Page - SIMCom |
|
317 / 380 page ![]() Smart Machine Smart Decision SIM800 Series_AT Command Manual_V1.09 317 2015-08-03 Response CONNECT or ERROR or +CME ERROR: <err> Write Command AT+CMMSDOWN =<type>,<size>,<tim e>[,<name>] Parameters <type> A string parameter which indicates type of downloaded data "TITLE" MMS title data "TEXT" MMS text data "PIC" MMS image data "AUDIO_AAC" MMS aac audio data "AUDIO_AMR" MMS amr audio data "AUDIO_BASIC" MMS basic audio data "AUDIO_MID" MMS mid audio data "AUDIO_MPEG" MMS mpeg audio data "VIDEO_3GPP" MMS 3gpp video data "VIDEO_MP4" MMS mp4 video data <size> Size in bytes of the data to be downloaded. <time> Maximum time in milliseconds to download data. <name> The file name of the image or the text to be downloaded, including extended name. The default name for image is "image<m>.jpg" and the default name for text is "text<n>.txt". <m> and <n> are in the range of 0~255 Parameter Saving Mode NO_SAVE Max Response Time Decided by <time> Reference Note It is strongly recommended to set the time long enough to download all the file data and make sure that the real size of the file to download is not bigger than <size>. The maximum size of <name> is 40 Bytes and only ASCII code is recognized for <name>. 15.2.7 AT+CMMSDELFILE Delete the File of the Edited MMS by File Index AT+CMMSDELFILE Delete the File of the Edited MMS by File Index Test Command AT+CMMSDELFI LE=? Response OK |