| Moteur de recherche de fiches techniques de composants électroniques |
|
SIM800 Fiches technique(PDF) 40 Page - SIMCom |
|
|
|||||||||||||||||||||||||||||
SIM800 Fiches technique(HTML) 40 Page - SIMCom |
|
40 / 380 page ![]() Smart Machine Smart Decision SIM800 Series_AT Command Manual_V1.09 40 2015-08-03 <n> OK ATS4? Parameters See Write Command Response This parameter setting determines the character generated by the TA for result code and information text. OK ERROR Write Command ATS4=<n> Parameters <n> 10 Response formatting character Parameter Saving Mode AT&W_SAVE Max Response Time - Reference V.25ter Note Default 10 = LF. It only supports default value. 2.2.19 ATS5 Set Command Line Editing Character ATS5 Set Command Line Editing Character Response <n> OK Read Command ATS5? Parameters See Write Command Response This parameter setting determines the character recognized by TA as a request to delete from the Command line the immediately preceding character. OK ERROR Write Command ATS5=<n> Parameters <n> 0-8-127 Response formatting character Parameter Saving Mode AT&W_SAVE Max Response - |