| Moteur de recherche de fiches techniques de composants électroniques |
|
SIM800 Fiches technique(PDF) 35 Page - SIMCom |
|
|
|||||||||||||||||||||||||||||
SIM800 Fiches technique(HTML) 35 Page - SIMCom |
|
35 / 380 page ![]() Smart Machine Smart Decision SIM800 Series_AT Command Manual_V1.09 35 2015-08-03 2.2.7 ATE Set Command Echo Mode ATE Set Command Echo Mode Response This setting determines whether or not the TA echoes characters received from TE during Command state. OK Execution Command ATE<value> Parameters <value> 0 Echo mode off 1 Echo mode on Parameter Saving Mode AT&W_SAVE Max Response Time - Reference V.25ter Note 2.2.8 ATH Disconnect Existing Connection ATH Disconnect Existing Connection Execution Command ATH Response Disconnect existing call by local TE from Command line and terminate call OK Note: OK is issued after circuit 109(DCD) is turned off, if it was previously on. Parameter Saving Mode NO_SAVE Max Response Time 20s Reference V.25ter Note 2.2.9 ATI Display Product Identification Information ATI Display Product Identification Information Execution Command ATI Response TA issues product information text Example: SIM800 R11.08 OK |