| Moteur de recherche de fiches techniques de composants électroniques |
|
SIM800 Fiches technique(PDF) 59 Page - SIMCom |
|
|
|||||||||||||||||||||||||||||
SIM800 Fiches technique(HTML) 59 Page - SIMCom |
|
59 / 380 page ![]() Smart Machine Smart Decision SIM800 Series_AT Command Manual_V1.09 59 2015-08-03 Parameters <acmmax> String type (string should be included in quotation marks); three bytes of the max. ACM value in hex-decimal format (e.g. "00001E" indicates decimal value 30) 000000 disable ACMmax feature 000001-FFFFFF <passwd> String type (string should be included in quotation marks) SIM PIN2 Parameter Saving Mode NO_SAVE Max Response Time - Reference 3GPP TS 27.007 [13] Note 3.2.3 AT+CAOC Advice of Charge AT+CAOC Advice of Charge Response +CAOC: (list of supported <mode>s) OK Test Command AT+CAOC=? Parameters See Write Command Response +CAOC: <mode> OK Read Command AT+CAOC? Parameters See Write Command Write Command AT+CAOC=<mo de> Response TA sets the Advice of Charge supplementary service function mode. If <mode>=0, TA returns the current call meter value +CAOC: <ccm> OK If <mode>=1, TA deactivates the unsolicited reporting of CCM value OK If <mode>=2, TA activates the unsolicited reporting of CCM value OK ERROR If error is related to ME functionality: |