| Moteur de recherche de fiches techniques de composants électroniques |
|
SIM800 Fiches technique(PDF) 72 Page - SIMCom |
|
|
|||||||||||||||||||||||||||||
SIM800 Fiches technique(HTML) 72 Page - SIMCom |
|
72 / 380 page ![]() Smart Machine Smart Decision SIM800 Series_AT Command Manual_V1.09 72 2015-08-03 OK If error is related to ME functionality: +CME ERROR: <err> Parameters <IMSI> International Mobile Subscriber Identity (string without double quotes) Parameter Saving Mode NO_SAVE Max Response Time 20s Reference 3GPP TS 27.007 [13] Note 3.2.16 AT+CLCC List Current Calls of ME AT+CLCC List Current Calls of ME Response +CLCC: (0,1) OK Test Command AT+CLCC=? Parameters See Write Command Response +CLCC: <n> OK Read Command AT+CLCC? Parameters See Write Command Response OK Write Command AT+CLCC=<n> Parameters <n> 0 Don’t report a list of current calls of ME automatically when the current call status changes. 1 Report a list of current calls of ME automatically when the current call status changes. Execution Command AT+CLCC Response TA returns a list of current calls of ME. Note: If Command succeeds but no calls are available, no information response is sent to TE. [+CLCC: <id1>,<dir>,<stat>,<mode>,<mpty>[,<number>,<type >,<alphaID>] [<CR><LF>+CLCC: <id2>,<dir>,<stat>,<mode>,<mpty> |