| Moteur de recherche de fiches techniques de composants électroniques |
|
SIM800 Fiches technique(PDF) 84 Page - SIMCom |
|
|
|||||||||||||||||||||||||||||
SIM800 Fiches technique(HTML) 84 Page - SIMCom |
|
84 / 380 page ![]() Smart Machine Smart Decision SIM800 Series_AT Command Manual_V1.09 84 2015-08-03 <index2> from the current phone book memory storage selected with +CPBS. If <index2> is left out, only location <index1> is returned. +CPBR:<index1>,<number>,<type>,<text> [[…]<CR><LF>+CPBR: <index2>, <number>, <type>, <text>] OK x1>[,<index2>] Parameters <index1> Read as of this location number <index2> Read to this location number <number> Phone number <type> Type of number <text> Text for phone number in current TE character set specified by +CSCS. Parameter Saving Mode NO_SAVE Max Response Time 3 seconds (single reading) 30 seconds (complete reading of a 250 records full phonebook. We use the China Mobile sim cards for testing, which produced by Axalto at 2010 for Shanghai. Use other sim cards may have different results. Reference 3GPP TS 27.007 [13] Note 3.2.26 AT+CPBS Select Phonebook Memory Storage AT+CPBS Select Phonebook Memory Storage Response +CPBS: (list of supported <storage>s) OK Test Command AT+CPBS=? Parameters See Write Command Response +CPBS: <storage>,<used>,<total> OK Read Command AT+CPBS? Parameters See Write Command Write Command AT+CPBS=<stora ge> Response TA selects current phone book memory storage, which is used by other phone book commands. OK |