Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SIM800 Fiches technique(PDF) 310 Page - SIMCom

No de pièce SIM800
Description  SIM800 Series AT Command Manual
PDF  380 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SIMCOM [SIMCom]
Site Internet  https://www.simcom.com
Logo SIMCOM - SIMCom

SIM800 Fiches technique(HTML) 310 Page - SIMCom

Back Button SIM800 Datasheet HTML 306Page - SIMCom SIM800 Datasheet HTML 307Page - SIMCom SIM800 Datasheet HTML 308Page - SIMCom SIM800 Datasheet HTML 309Page - SIMCom SIM800 Datasheet HTML 310Page - SIMCom SIM800 Datasheet HTML 311Page - SIMCom SIM800 Datasheet HTML 312Page - SIMCom SIM800 Datasheet HTML 313Page - SIMCom SIM800 Datasheet HTML 314Page - SIMCom Next Button
Zoom Inzoom in Zoom Outzoom out
 310 / 380 page
background image
Smart Machine Smart Decision
SIM800 Series_AT Command Manual_V1.09
310
2015-08-03
14.2.22 AT+POP3OUT
Log Out POP3 Server
AT+POP3OUT
Log Out POP3 Server
Response
OK
Test Command
AT+POP3OUT=?
Parameters
Response
OK
If error is related to ME functionality:
ERROR
If the process is completed, return:
+POP3OUT: <code>
Execution Command
AT+POP3OUT
Parameters
<code>
The result of logging out POP3 server
1
Normally log out POP3 server
61
Network error
62
DNS resolve error
63
POP3 tcp connection error
64
Timeout of POP3 server response
69
Timeout of read data
Parameter
Saving
Mode
NO_SAVE
Max Response Time
-
Reference
Note



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More