| Moteur de recherche de fiches techniques de composants électroniques |
|
SIM800 Fiches technique(PDF) 307 Page - SIMCom |
|
|
|||||||||||||||||||||||||||||
SIM800 Fiches technique(HTML) 307 Page - SIMCom |
|
307 / 380 page ![]() Smart Machine Smart Decision SIM800 Series_AT Command Manual_V1.09 307 2015-08-03 64 Timeout of POP3 server response Parameter Saving Mode NO_SAVE Max Response Time - Reference Note After sending these POP3 commands and POP3 server issuing a positive response, you can get the response by AT+POP3READ. 14.2.19 AT+POP3READ Read Multi-line Response AT+POP3READ Read Multi-line Response Response +POP3READ: (range of supported <reqLength>s) OK Test Command AT+POP3READ=? Parameters See Write Command Response If the data of response not to be read completely: +POP3READ: 1,<cnfLength> If the data of response to be read completely: +POP3READ: 2,<cnfLength> If some data need to be read,the URC below is reported: +POP3READ: 3,<dataLength> If error is related to ME functionality: ERROR If some error occur: +POP3OUT: <code> Write Command AT+POP3READ=< reqLength> Parameters <reqLength> Requested number of data bytes (1-1460) to be read <cnfLength> Confirmed number of data bytes to be read, which may be less than <reqLength>. 0 indicates that no data can be read. <dataLength> Received number of data bytes. <code> The result of logging out POP3 server 1 Normally log out POP3 server 61 Network error 62 DNS resolve error 63 POP3 tcp connection error 64 Timeout of POP3 server response 69 Read data timeout Parameter Saving NO_SAVE |