| Moteur de recherche de fiches techniques de composants électroniques |
|
SIM800 Fiches technique(PDF) 305 Page - SIMCom |
|
|
|||||||||||||||||||||||||||||
SIM800 Fiches technique(HTML) 305 Page - SIMCom |
|
305 / 380 page ![]() Smart Machine Smart Decision SIM800 Series_AT Command Manual_V1.09 305 2015-08-03 server-determined string, consisting of 1 to 70 characters in the range 0x21 to 0x7E, which uniquely identifies a message within a maildrop and which persists across sessions. <code> The result of logging out POP3 server 1 Normally log out POP3 server 61 Network error 62 DNS resolve error 63 POP3 tcp connection error 64 Timeout of POP3 server response Parameter Saving Mode NO_SAVE Max Response Time - Reference Note 14.2.18 AT+POP3CMD Get Multi-line Response AT+POP3CMD Get Multi-line Response Response +POP3CMD: (range of supported <cmdType>s),(range of supporte d<msgNumber>s),(range of supported <lineNumber>s) OK Test Command AT+POP3CMD=? Parameters See Write Command Response OK If error is related to ME functionality: ERROR If POP3 server issues a positive response: +POP3CMD: 1 If POP3 server issues a negative response: +POP3CMD: 0 If some error occur: +POP3OUT: <code> Write Command AT+POP3CMD=<c mdType>[,<msgNum ber>[,lineNumber]] Parameters <cmdType> The values that supported POP3 user command 1 List command The “List” command returns a multi-line “scan listing”. For each message on the maildrop list of the server the POP3 service returns a line containing the message number and its size in bytes. A final “dotline” will be printed at the end of the “scan listing“. If there are no messages on the maildrop list of the server, the POP3 service returns a positive response, i.e. It |